Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC160GLDPTH Datasheet(PDF) 28 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 28 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 32Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
28
Fast Read (0Bh) in QPI Mode
The Fast Read instruction is also supported in QPI mode. When QPI mode is enabled, the number of
dummy clocks is configured by the “Set Read Parameters (C0h)” instruction to accommodate a wide range
of applications with different needs for either maximum Fast Read frequency or minimum data access
latency. Depending on the Read Parameter Bits P[5:4] setting, the number of dummy clocks can be
configured as either 2, 4, 6 or 8. The default number of dummy clocks upon power up or after a Reset
instruction is 2.
Dual Output Fast Read (3BH)
See Figure 9, the Dual Output Fast Read instruction is followed by 3-byte address (A23-A0) and a dummy
byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out
2-bit per clock cycle from SI and SO. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out.
Figure9. Dual Output Fast Read Sequence Diagram (SPI Mode only)
Figure8 b. Fast Read Sequence Diagram (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com