Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC160GLDPTH Datasheet(PDF) 61 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 61 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 64Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 65Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
61
Set Read Parameters (C0H)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum
read
frequency
or
minimum
data
access
latency,
“Set
Read
Parameters
(C0h)” instruction can be
used to configure the number of dummy clocks for “Fast Read (0Bh)”, “Fast Read Quad I/O (EBh)” & “Burst
Read with Wrap (0Ch)” instructions, and to configure the number of bytes of “Wrap Length” for the “Burst
Read with Wrap (0Ch)” instruction.
In Standard SPI mode, the “Set Read Parameters (C0h)” instruction is not accepted. The dummy clocks for
various Fast Read instructions in Standard/Dual/Quad SPI mode are fixed, please refer to the Instruction
Table 2 for details. The “Wrap Length” is set by W5-4 bit in the “Set Burst with Wrap (77h)” instruction. This
setting will remain unchanged when the device is switched from Standard SPI mode to QPI mode.
The default “Wrap Length” after a power up or a Reset instruction is 8 bytes, the default number of dummy
clocks is 2. The number of dummy clocks is only programmable for “Fast Read (0Bh)”, “Fast Read Quad
I/O (EBh)” & “Burst Read with Wrap (0Ch)” instructions in the QPI mode. Whenever the device is switched
from SPI mode to QPI mode, the number of dummy clocks and “Wrap Length” should be set again, prior to
any 0Bh, EBh or 0Ch instructions.
P5
P4
DUMMY
CLOCKS
MAXIMUM
READ FREQ.
MAXIMUM
READ FREQ.
(A[1:0]=0,0)
0
0
4
55MHz
80MHz
0
1
4
55MHz
80MHz
1
0
6
80MHz
108MHz
1
1
8
108MHz
108MHz
P1
P0
WRAP LENGTH
0
0
8-byte
0
1
8-byte
1
0
8-byte
1
1
8-byte
Figure41. Set Read Parameters Instruction (QPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com