Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 237 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 237 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 233Page - Advanced Micro Devices SC3200 Datasheet HTML 234Page - Advanced Micro Devices SC3200 Datasheet HTML 235Page - Advanced Micro Devices SC3200 Datasheet HTML 236Page - Advanced Micro Devices SC3200 Datasheet HTML 237Page - Advanced Micro Devices SC3200 Datasheet HTML 238Page - Advanced Micro Devices SC3200 Datasheet HTML 239Page - Advanced Micro Devices SC3200 Datasheet HTML 240Page - Advanced Micro Devices SC3200 Datasheet HTML 241Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
237
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
4
User Defined Device Idle Timer 1 (UDEF1) SMI Status. Indicates whether or not an SMI was caused by expiration of User
Defined Device 1 (UDEF1) Idle Timer Count Register (F0 Index A0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[4] = 1.
3
Keyboard/Mouse Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Keyboard/ Mouse
Idle Timer Count Register (F0 Index 9Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[3] = 1.
2
Parallel/Serial Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Parallel/Serial Port Idle
Timer Count Register (F0 Index 9Ch).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[2] = 1.
1
Floppy Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Floppy Disk Idle Timer
Count Register (F0 Index 9Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[1] = 1.
0
Hard Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Hard Disk Idle Timer Count
Register (F0 Index 98h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[0] = 1.
Index F6h
Second Level PME/SMI Status Register 3 (RC)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
Reading this register clears the status at both the second and top levels.
A read-only “Mirror” version of this register exists at F0 Index 86h. If the value of the register must be read without clearing the SMI
source (and consequently de-asserting SMI), F0 Index 86h can be read instead.
7
Video Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to the Video I/O
Trap.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[7] = 1.
6
Reserved. Reads as 0.
5
Secondary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to
the secondary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[6] = 1.
4
Secondary Hard Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Secondary
Hard Disk Idle Timer Count register (F0 Index ACh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[7] = 1.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com