Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 231Page - Advanced Micro Devices SC3200 Datasheet HTML 232Page - Advanced Micro Devices SC3200 Datasheet HTML 233Page - Advanced Micro Devices SC3200 Datasheet HTML 234Page - Advanced Micro Devices SC3200 Datasheet HTML 235Page - Advanced Micro Devices SC3200 Datasheet HTML 236Page - Advanced Micro Devices SC3200 Datasheet HTML 237Page - Advanced Micro Devices SC3200 Datasheet HTML 238Page - Advanced Micro Devices SC3200 Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
235
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index CCh
User Defined Device 1 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. Determines how User Defined Device 1 is mapped.
0: I/O.
1: Memory.
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking
1: Enable write cycle tracking
Bit 5
0: Disable read cycle tracking
1: Enable read cycle tracking
Bits [4:0] Mask for address bits A[4:0]
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CDh
User Defined Device 2 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. determines how User Defined Device 2 is mapped.
0: I/O
1: Memory
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking
1: Enable write cycle tracking
Bit 5
0: Disable read cycle tracking
1: Enable read cycle tracking
Bits [4:0] Mask for address bits A[4:0]
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CEh
User Defined Device 3 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. Determines how User Defined Device 3 is mapped.
0: I/O.
1: Memory.
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking
1: Enable write cycle tracking
Bit 5
0: Disable read cycle tracking
1: Enable read cycle tracking
Bits [4:0] Mask for address bits A[4:0]
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CFh
Reserved
Reset Value: 00h
Index D0h
Software SMI Register (WO)
Reset Value: 00h
7:0
Software SMI. A write to this location generates an SMI. The data written is irrelevant. This register allows software entry
into SMM via normal bus access instructions.
Index D1h-EBh
Reserved
Reset Value: 00h
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com