Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 231 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 227Page - Advanced Micro Devices SC3200 Datasheet HTML 228Page - Advanced Micro Devices SC3200 Datasheet HTML 229Page - Advanced Micro Devices SC3200 Datasheet HTML 230Page - Advanced Micro Devices SC3200 Datasheet HTML 231Page - Advanced Micro Devices SC3200 Datasheet HTML 232Page - Advanced Micro Devices SC3200 Datasheet HTML 233Page - Advanced Micro Devices SC3200 Datasheet HTML 234Page - Advanced Micro Devices SC3200 Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
231
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 9Eh-9Fh
Keyboard / Mouse Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
Keyboard / Mouse Idle Timer Count. This idle timer determines when the keyboard and mouse are not in use so that the
LCD screen can be blanked. The 16-bit value programmed in this register represents the period of inactivity for these ports
after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an access
occurs to either the keyboard or mouse I/O address spaces (including the mouse serial port address space when a mouse
is enabled on a serial port.)
This counter uses a 1 second time base. To enable this timer, set F0 Index 81h[3] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
Index A0h-A1h
User Defined Device 1 Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
User Defined Device 1 (UDEF1) Idle Timer Count. This idle timer determines when the device configured as User Defined
Device 1 (UDEF1) is not in use so that it can be power managed. The 16-bit value programmed in this register represents
the period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with
the count value whenever an access occurs to memory or I/O address space configured in the F0 Index C0h (Base Address
register) and F0 Index CCh (Control register).
This counter uses a 1 second time base. To enable this timer, set F0 Index 81h[4] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
Index A2h-A3h
User Defined Device 2 Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
User Defined Device 2 (UDEF2) Idle Timer Count. This idle timer determines when the device configured as UDEF2 is not
in use so that it can be power managed. The 16-bit value programmed in this register represents the period of inactivity for
this device after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever
an access occurs to memory or I/O address space configured in the F0 Index C4h (Base Address register) and F0 Index
CDh (Control register).
This counter uses a 1 second timebase. To enable this timer, set F0 Index 81h[5] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
Index A4h-A5h
User Defined Device 3 Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
User Defined Device 3 (UDEF3) Idle Timer Count. This idle timer determines when the device configured as UDEF3 is not
in use so that it can be power managed. The 16-bit value programmed in this register represents the period of inactivity for
this device after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever
an access occurs to memory or I/O address space configured in the UDEF3 Base Address Register (F0 Index C8h) and
UDEF3 Control Register (F0 Index CEh).
This counter uses a 1 second timebase. To enable this timer, set F0 Index 81h[6] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
Video Idle Timer Count. This idle timer determines when the graphics subsystem has been idle as part of the Suspend-
determination algorithm. The 16-bit value programmed in this register represents the period of video inactivity after which
the system is alerted via an SMI. The count in this timer is automatically reset at any access to the graphics controller
space.
This counter uses a 1 second timebase. To enable this timer, set F0 Index 81h[7] = 1.
Since the graphics controller is embedded in the GX1 module, video activity is communicated to the Core Logic module via
the serial connection (PSERIAL register, bit 0). The Core Logic module also detects accesses to standard VGA space on
PCI (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) if an external VGA controller is being used.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value: 0000h
15:0
Video Overflow Count. Each time the video speedup counter is triggered, a 100 ms timer is started. If the 100 ms timer
expires before the video speedup counter lapses, the Video Overflow Count register increments and the 100 ms timer retrig-
gers. Software clears the overflow register when new evaluations are to begin. The count contained in this register can be
combined with other data to determine the type of video accesses present in the system.
Index AAh-ABh
Reserved
Reset Value: 00h
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com