Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 232 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 232 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 228Page - Advanced Micro Devices SC3200 Datasheet HTML 229Page - Advanced Micro Devices SC3200 Datasheet HTML 230Page - Advanced Micro Devices SC3200 Datasheet HTML 231Page - Advanced Micro Devices SC3200 Datasheet HTML 232Page - Advanced Micro Devices SC3200 Datasheet HTML 233Page - Advanced Micro Devices SC3200 Datasheet HTML 234Page - Advanced Micro Devices SC3200 Datasheet HTML 235Page - Advanced Micro Devices SC3200 Datasheet HTML 236Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 447 page
background image
232
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index ACh-ADh
Secondary Hard Disk Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
Secondary Hard Disk Idle Timer Count. This idle timer is used to determine when the secondary hard disk is not in use so
that it can be powered down. The 16-bit value programmed in this register represents the period of hard disk inactivity after
which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an access occurs
to the configured hard disk’s data port (I/O port 1F0h or 170h).
This counter uses a 1 second timebase. To enable this timer, set F0 Index 83h[7] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
Index AEh
CPU Suspend Command Register (WO)
Reset Value: 00h
7:0
Software CPU Suspend Command. If bit 0 in the Clock Stop Control register is set low (F0 Index BCh[0] = 0), a write to
this register causes an internal SUSP#/SUSPA# handshake with the GX1 module, placing the GX1 module in a low-power
state. The actual data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the GX1 module halt con-
dition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the internal SUSP_3V signal is
asserted after the SUSP#/SUSPA# halt. Upon a Resume event, the PLL delay programmed in the F0 Index BCh[7:4] is
invoked, allowing the clock chip and GX1 module PLL to stabilize before de-asserting SUSP#.
Index AFh
Suspend Notebook Command Register (WO)
Reset Value: 00h
7:0
Software CPU Stop Clock Suspend. A write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing
the GX1 module in a low-power state. Following this handshake, the SUSP_3V signal is asserted. The SUSP_3V signal is
intended to be used to stop all system clocks.
Upon a Resume event, the internal SUSP_3V signal is de-asserted. After a slight delay, the Core Logic module de-asserts
the SUSP# signal. Once the clocks are stable, the GX1 module de-asserts SUSPA# and system operation resumes.
Index B0h-B3h
Reserved
Reset Value: 00h
Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F2h Shadow. Last written value of I/O Port 3F2h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F7h Shadow. Last written value of I/O Port 3F7h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B6h
Floppy Port 372h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 372h Shadow. Last written value of I/O Port 372h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B7h
Floppy Port 377h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 377h Shadow. Last written value of I/O Port 377h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com