Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 228 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 228 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 224Page - Advanced Micro Devices SC3200 Datasheet HTML 225Page - Advanced Micro Devices SC3200 Datasheet HTML 226Page - Advanced Micro Devices SC3200 Datasheet HTML 227Page - Advanced Micro Devices SC3200 Datasheet HTML 228Page - Advanced Micro Devices SC3200 Datasheet HTML 229Page - Advanced Micro Devices SC3200 Datasheet HTML 230Page - Advanced Micro Devices SC3200 Datasheet HTML 231Page - Advanced Micro Devices SC3200 Datasheet HTML 232Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 447 page
background image
228
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 8Ah
General Purpose Timer 2 Count Register (R/W)
Reset Value: 00h
7:0
GPT2_COUNT. This field represents the load value for General Purpose Timer 2. This value can represent either an 8-bit or
16-bit counter (configured in F0 Index 8Bh[5]). It is loaded into the counter when the timer is enabled (F0 Index 83h[1] = 1).
Once the timer is enabled and a transition occurs on GPIO7, the timer is re-loaded.
The counter is decremented with each clock of the configured timebase (1 ms or 1 sec selected at F0 Index 8Bh[3]). Upon
expiration of the counter, an SMI is generated and the top level of status is F1BAR0+I/O Offset 00h/02h[9]. The second
level of status is reported at F1BAR0+I/O Offset 04h/06h[1]). Once expired, this counter must be re-initialized by either dis-
abling and enabling it, or by writing a new count value in this register. Section 6.2.10.3 "Peripheral Power Management" on
page 180 for a discussion on the limitations of producing count error with small values.
For GPIO7 to act as the reload for this counter, it must be enabled as such (F0 Index 8Bh[2]) and be configured as an input.
(GPIO pin programming is at F0BAR0+I/O Offset 20h and 24h.)
Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value: 00h
7
Re-trigger General Purpose Timer 1 (GP Timer 1) on Secondary Hard Disk Activity.
0: Disable.
1: Enable.
Any access to the secondary hard disk address range selected in F0 Index 93h[4] reloads GP Timer 1.
6
VGA Timer Base. Selects timebase for VGA Timer Register (F0 Index 8Eh).
0: 1 millisecond.
1: 32 microseconds.
5
General Purpose Timer 2 (GP Timer 2) Shift. GP Timer 2 is treated as an 8-bit or 16-bit timer.
0: 8-bit. The count value is loaded into GP Timer 2 Count Register (F0 Index 8Ah).
1: 16-bit. The value loaded into GP Timer 2 Count Register is shifted left by eight bits, the lower eight bits become zero,
and this 16-bit value is used as the count for GP Timer 2.
4
General Purpose Timer 1 (GP Timer 1) Shift. GP Timer 1 is treated as an 8-bit or 16-bit timer.
0: 8-bit. The count value is that loaded into GP Timer 1 Count Register (F0 Index 88h).
1: 16-bit. The value loaded into GP Timer 1 Count Register is shifted left by eight bit, the lower eight bits become zero, and
this 16-bit value is used as the count for GP Timer 1.
3
General Purpose Timer 2 (GP Timer 2) Timebase. Selects timebase for GP Timer 2 (F0 Index 8Ah).
0: 1 second.
1: 1 millisecond.
2
Re-trigger Timer on GPIO7 Pin Transition. A rising-edge transition on the GPIO7 pin reloads GP Timer 2 (F0 Index 8Ah).
0: Disable.
1: Enable.
For GPIO7 to work here, it must first be configured as an input. (GPIO pin programming is at F0BAR0+I/O Offset 20h and
24h.)
1:0
Reserved. Set to 0.
Index 8Ch
IRQ Speedup Timer Count Register (R/W)
Reset Value: 00h
7:0
IRQ Speedup Timer Load Value. This field represents the load value for the IRQ speedup timer. It is loaded into the
counter when Suspend Modulation is enabled (F0 Index 96h[0] = 1) and an INTR or an access to I/O Port 061h occurs.
When the event occurs, the Suspend Modulation logic is inhibited, permitting full performance operation of the GX1 module.
Upon expiration, no SMI is generated; the Suspend Modulation begins again. The IRQ speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to system interrupts for full-speed interrupt processing. A typical
value here would be 2 to 4 ms.
Index 8Dh
Video Speedup Timer Count Register (R/W)
Reset Value: 00h
7:0
Video Speedup Timer Load Value. This field represents the load value for the Video speedup timer. It is loaded into the
counter when Suspend Modulation is enabled (F0 Index 96[0] = 1) and any access to the graphics controller occurs. When
a video access occurs, the Suspend Modulation logic is inhibited, permitting full-performance operation of the GX1 module.
Upon expiration, no SMI is generated, and Suspend Modulation begins again. The video speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to video activity for full speed during video processing calcula-
tions. A typical value here would be 50 ms to 100 ms.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com