Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 261 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 261 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 257Page - Advanced Micro Devices SC3200 Datasheet HTML 258Page - Advanced Micro Devices SC3200 Datasheet HTML 259Page - Advanced Micro Devices SC3200 Datasheet HTML 260Page - Advanced Micro Devices SC3200 Datasheet HTML 261Page - Advanced Micro Devices SC3200 Datasheet HTML 262Page - Advanced Micro Devices SC3200 Datasheet HTML 263Page - Advanced Micro Devices SC3200 Datasheet HTML 264Page - Advanced Micro Devices SC3200 Datasheet HTML 265Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
261
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
10
EXT_SMI2 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI2.
0: No.
1: Yes.
To enable SMI generation, set bit 2 to 1.
9
EXT_SMI1 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI1.
0: No.
1: Yes.
To enable SMI generation, set bit 1 to 1.
8
EXT_SMI0 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI0.
0: No.
1: Yes.
To enable SMI generation, set bit 0 to 1.
7
EXT_SMI7 SMI Enable. When this bit is asserted, allow EXT_SMI7 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 23 (RC) and 15 (RO).
6
EXT_SMI6 SMI Enable. When this bit is asserted, allow EXT_SMI6 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 22 (RC) and 14 (RO).
5
EXT_SMI5 SMI Enable. When this bit is asserted, allow EXT_SMI5 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 21 (RC) and 13 (RO).
4
EXT_SMI4 SMI Enable. When this bit is asserted, allows EXT_SMI4 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 20 (RC) and 12 (RO).
3
EXT_SMI3 SMI Enable. When this bit is asserted, allow EXT_SMI3 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 19 (RC) and 11 (RO).
2
EXT_SMI2 SMI Enable. When this bit is asserted, allow EXT_SMI2 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 18 (RC) and 10 (RO).
1
EXT_SMI1 SMI Enable. When this bit is asserted, allow EXT_SMI1 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 17 (RC) and 9 (RO).
Table 6-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com