Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 264 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 264 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 260Page - Advanced Micro Devices SC3200 Datasheet HTML 261Page - Advanced Micro Devices SC3200 Datasheet HTML 262Page - Advanced Micro Devices SC3200 Datasheet HTML 263Page - Advanced Micro Devices SC3200 Datasheet HTML 264Page - Advanced Micro Devices SC3200 Datasheet HTML 265Page - Advanced Micro Devices SC3200 Datasheet HTML 266Page - Advanced Micro Devices SC3200 Datasheet HTML 267Page - Advanced Micro Devices SC3200 Datasheet HTML 268Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 447 page
background image
264
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
0
PWRBTN_DBNC_DIS (Power Button Debounce). When enabled, a high-to-low or low-to-high transition of greater than
15.8 ms is required on PWRBTN# before it is recognized.
0: Enable. (Default)
1: Disable. (No debounce)
Offset 08h-09h
PM1A_STS — PM1A Top Level PME/SCI Status Register (R/W)
Reset Value: 0000h
Notes:
1.
This is the top level of PME/SCI status reporting for these events. There is no second level.
2.
If SCI generation is not desired, the status bits are still set by the described conditions and can be used for monitoring pur-
poses.
15
WAK_STS (Wakeup Status). Indicates whether or not an SCI was caused by the occurrence of an enabled wakeup event.
0: No.
1: Yes.
This bit is set when the system is in any Sleep state and an enabled wakeup event occurs (wakeup events are configured at
F1BAR1+I/O Offset 0Ah and 12h). After this bit is set, the system transitions to a Working state.
SCI generation is always enabled.
Write 1 to clear.
14:12
Reserved. Must be set to 0.
11
PWRBTNOR_STS (Power Button Override Status). Indicates whether or not an SCI was caused by the power button
being active for greater than 4 seconds.
0: No.
1: Yes.
SCI generation is always enabled.
Write 1 to clear.
10
RTC_STS (Real-Time Clock Status). Indicates if a Power Management Event (PME) was caused by the RTC generating
an alarm (RTC IRQ signal is asserted).
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[10] to 1 and F1BAR1+I/O Offset 0Ch[0] to 1. (See Note 2 in
the general description of this register.)
Write 1 to clear.
9
Reserved. Must be set to 0.
8
PWRBTN_STS (Power Button Status). Indicates if PME was caused by the PWRBTN# going low while the system is in a
Working state.
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[8] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register.)
In a Sleep state or the Soft-Off state, a wakeup event is generated when the power button is pressed (regardless of the
PWRBTN_EN bit, F1BAR1+I/O Offset 0Ah[8], setting).
Write 1 to clear.
7:6
Reserved. Must be set to 0.
5
GBL_STS (Global Lock Status). Indicates if PME was caused by the BIOS releasing control of the global lock.
0: No.
1: Yes.
This bit is used by the BIOS to generate an SCI. BIOS writes the BIOS_RLS bit (F1BAR1+I/O Offset 0Fh[1]) which in turns
sets the GBL_STS bit and raises a PME.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[5] to 1 and F1BAR1+I/O Offset 0Ch[0] to 1. (See Note 2 in the
general description of this register.)
Write 1 to clear.
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com