Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 267 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 267 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 263Page - Advanced Micro Devices SC3200 Datasheet HTML 264Page - Advanced Micro Devices SC3200 Datasheet HTML 265Page - Advanced Micro Devices SC3200 Datasheet HTML 266Page - Advanced Micro Devices SC3200 Datasheet HTML 267Page - Advanced Micro Devices SC3200 Datasheet HTML 268Page - Advanced Micro Devices SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
267
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
Offset 0Fh
ACPI_BIOS_EN Register (R/W)
Reset Value: 00h
7:2
Reserved. Must be set to 0.
1
BIOS_RLS (BIOS Release). (Write Only) When this bit is asserted, allow the BIOS to release control of the global lock.
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
To generate an SCI, the BIOS writes the BIOS_RLS bit which in turn sets the GBL_STS bit (F1BAR1+I/O Offset 08h[5]) and
raises a PME. For the PME to generate an SCI, set GBL_EN (F1BAR1+I/O Offset 0Ah[5] to 1).
0
BIOS_EN (BIOS Enable). When this bit is asserted, allow SMI generation by ACPI software via writes to GBL_RLS
(F1BAR1+I/O Offset 0Ch[2]).
0: Disable.
1: Enable
Offset 10h-11h
GPE0_STS — General Purpose Event 0 PME/SCI Status Register (R/W)
Reset Value: xxxxh
Notes:
1) This is the top level of PME/SCI status reporting. There is no second level except for bit 3 (GPIOs) where the next level of
status is reported at F0BAR0+I/O Offset 0Ch/1Ch.
2) If SCI generation is not desired, the status bits are still set by the described conditions and can be used for monitoring pur-
poses.
15:12
Reserved. Must be set to 0.
11
Reserved.
10
GPWIO2_STS. Indicates if PME was caused by activity on GPWIO2.
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO2 is enabled as an input (F1BAR1+I/O Offset 15h[2] = 0)
2)
Set F1BAR1+I/O Offset 12h[10] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above.)
If F1BAR1+I/O Offset 15h[6] = 1 it overrides these settings and GPWIO2 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
9
GPWIO1_STS. Indicates if PME was caused by activity on GPWIO1.
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO1 is enabled as an input (F1BAR1+I/O Offset 15h[1] = 0)
2)
Set F1BAR1+I/O Offset 12h[9] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above.)
If F1BAR1+I/O Offset 15h[5] = 1 it overrides these settings and GPWIO1 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
8
GPWIO0_STS. Indicates if PME was caused by activity on GPWIO0.
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO0 is enabled as an input (F1BAR1+I/O Offset 15h[0] = 0)
2)
Set F1BAR1+I/O Offset 12h[8] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above).
If F1BAR1+I/O Offset 15h[4] = 1 it overrides these settings and GPWIO0 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com