Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 271 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 271 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 267Page - Advanced Micro Devices SC3200 Datasheet HTML 268Page - Advanced Micro Devices SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices SC3200 Datasheet HTML 274Page - Advanced Micro Devices SC3200 Datasheet HTML 275Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
271
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
Offset 16h
GPWIO Data Register (R/W)
Reset Value: 00h
This register contains the direct values of the GPWIO2-GPWIO0 pins. Write operations are valid only for bits defined as outputs. Reads
from this register read the last written value if the pin is an output. The pins are configured as inputs or outputs in F1BAR1+I/O Offset
15h.
7:4
Reserved. Must be set to 0.
3
Reserved.
2
GPWIO2_DATA. Reflects the level of GPWIO2.
0: Low.
1: High.
A fixed high-to-low or low-to-high transition (debounce period) of 31 µs exists in order for GPWIO2 to be recognized.
1
GPWIO1_DATA. Reflects the level of GPWIO1.
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
0
GPWIO0_DATA. Reflects the level of GPWIO0.
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
Offset 17h
Reserved
Reset Value: 00h
Offset 18h-1Bh
ACPI SCI_ROUTING Register (R/W)
Reset Value: 00000F00h
31:17
Reserved.
16
PCTL_DELAYEN. Allow staggered delays on the activation and deactivation of the power control pins PWRCNT1,
PWRCNT2, and ONCTL# by 2 ms each.
0: Disable. (Default)
1: Enable.
15:12
Reserved. Must be set to 0.
11
PLVL3_SMIEN. Allow SMI generation when the PLVL3 Register (F1BAR1+I/O Offset 05h) is read.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[4].
10
Reserved. Must be set to 0.
9
SLP_SMIEN. Allow SMI generation when the SLP_EN bit (F1BAR1+I/O Offset 0Ch[13]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[2].
8
THT_SMIEN. Allow SMI generation when the THT_EN bit (F1BAR1+I/O Offset 00h[4]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[1].
7:4
Reserved. Must be set to 0.
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com