Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 272 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 272 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 268Page - Advanced Micro Devices SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices SC3200 Datasheet HTML 274Page - Advanced Micro Devices SC3200 Datasheet HTML 275Page - Advanced Micro Devices SC3200 Datasheet HTML 276Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 447 page
background image
272
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
3:0
SCI_IRQ_ROUTE. SCI is routed to:
0000: Disable
0100: IRQ4
1000: IRQ8
1100: IRQ12
0001: IRQ1
0101: IRQ5
1001: IRQ9
1101: IRQ13
0010: Reserved
0010: IRQ6
1010: IRQ10
1110: IRQ14
0011: IRQ3
0011: IRQ7
1011: IRQ11
1111: IRQ15
For more details see Section 6.2.6.3 "Programmable Interrupt Controller" on page 171.
Offset 1Ch-1Fh
ACPI Timer Register (RO)
Reset Value: xxxxxxxxh
Note:
This register can also be read at F1BAR0+I/O Offset 1Ch.
31:24
Reserved.
23:0
TMR_VAL. (Read Only) This bit field contains the running count of the power management timer.
Offset 20h
PM2_CNT — PM2 Control Register (R/W)
Reset Value: 00h
7:1
Reserved.
0
Arbiter Disable. Disables the PCI arbiter when set by the OS. Used during C3 transition.
0: Arbiter not disabled. (Default)
1: Disable arbiter.
Offset 21h-FFh
Reserved
Reset Value: 00h
The read value for these registers is undefined.
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com