Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 276 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 276 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices SC3200 Datasheet HTML 274Page - Advanced Micro Devices SC3200 Datasheet HTML 275Page - Advanced Micro Devices SC3200 Datasheet HTML 276Page - Advanced Micro Devices SC3200 Datasheet HTML 277Page - Advanced Micro Devices SC3200 Datasheet HTML 278Page - Advanced Micro Devices SC3200 Datasheet HTML 279Page - Advanced Micro Devices SC3200 Datasheet HTML 280Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 447 page
background image
276
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - IDE Controller Registers - Function 2
Revision 5.1
Index 48h-4Bh
Channel 0 Drive 1 PIO Register (R/W)
Reset Value: 00009172h
Channel 0 Drive 1 Programmed I/O Control Register. See F2 Index 40h for bit descriptions.
Index 4Ch-4Fh
Channel 0 Drive 1 DMA Control Register (R/W)
Reset Value: 00077771h
Channel 0 Drive 1 MDMA/UDMA Control Register. See F2 Index 44h for bit descriptions.
Note:
The PIO Mode format is selected in F2 Index 44h[31], bit 31 of this register is defined as reserved.
Index 50h-53h
Channel 1 Drive 0 PIO Register (R/W)
Reset Value: 00009172h
Channel 1 Drive 0 Programmed I/O Control Register. See F2 Index 40h for bit descriptions.
Index 54h-57h
Channel 1 Drive 0 DMA Control Register (R/W)
Reset Value: 00077771h
Channel 1 Drive 0 MDMA/UDMA Control Register. See F2 Index 44h for bit descriptions.
Note:
The PIO Mode format is selected in F2 Index 44h[31], bit 31 of this register is defined as reserved.
Index 58h-5Bh
Channel 1 Drive 1 PIO Register (R/W)
Reset Value: 00009172h
Channel 1 Drive 1 Programmed I/O Control Register. See F2 Index 40h for bit descriptions.
Index 5Ch-5Fh
Channel 1 Drive 1 DMA Control Register (R/W)
Reset Value: 00077771h
Channel 1 Drive 1 MDMA/UDMA Control Register. See F2 Index 44h for bit descriptions.
Note:
The PIO Mode format is selected in F2 Index 44h[31], bit 31 of this register is defined as reserved.
Index 60h-FFh
Reserved
Reset Value: 00h
Table 6-35. F2: PCI Header/Channels 0 and 1 Registers for IDE Controller Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com