Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 273 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 273 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices SC3200 Datasheet HTML 274Page - Advanced Micro Devices SC3200 Datasheet HTML 275Page - Advanced Micro Devices SC3200 Datasheet HTML 276Page - Advanced Micro Devices SC3200 Datasheet HTML 277Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
273
Core Logic Module - IDE Controller Registers - Function 2
Revision 5.1
6.4.3
IDE Controller Registers - Function 2
The register space designated as Function 2 (F2) is used
to configure Channels 0 and 1 and the PCI portion of sup-
port hardware for the IDE controllers. The bit formats for
the PCI Header/Channels 0 and 1 Registers are given in
Table 6-35.
Located in the PCI Header Registers of F2 is a Base
Address Register (F2BAR4) used for pointing to the regis-
ter space designated for support of the IDE controllers,
described later in this section.
Table 6-35. F2: PCI Header/Channels 0 and 1 Registers for IDE Controller Configuration
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value: 100Bh
Index 02h-03h
Device Identification Register (RO)
Reset Value: 0502h
Index 04h-05h
PCI Command Register (R/W)
Reset Value: 0000h
15:3
Reserved. (Read Only)
2
Bus Master. Allow the Core Logic module bus mastering capabilities.
0: Disable.
1: Enable. (Default)
This bit must be set to 1.
1
Reserved. (Read Only)
0
I/O Space. Allow the Core Logic module to respond to I/O cycles from the PCI bus.
0: Disable.
1: Enable.
This bit must be enabled, in order to access I/O offsets through F2BAR4 (for more information see F2 Index 20h).
Index 06h-07h
PCI Status Register (RO)
Reset Value: 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value: 01h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 010180h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value: 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value: 00h
Index 0Eh
PCI Header Type (RO)
Reset Value: 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value: 00h
Index 10h-13h
Base Address Register 0 - F2BAR0 (RO)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Index 14h-17h
Base Address Register 1 - F2BAR1 (RO)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Index 18h-1Bh
Base Address Register 2 - F2BAR2 (RO)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Index 1Ch-1Fh
Base Address Register 3 - F2BAR3 (RO)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Index 20h-23h
Base Address Register 4 - F2BAR4 (R/W)
Reset Value: 00000001h
Base Address 0 Register. This register allows access to I/O mapped Bus Mastering IDE registers. Bits [3:0] are read only (0001), indi-
cating a 16-byte I/O address range. Refer to Table 6-36 on page 277 for the IDE controller register bit formats and reset values.
31:4
Bus Mastering IDE Base Address.
3:0
Address Range. (Read Only)
Index 24h-2Bh
Reserved
Reset Value: 00h
Index 2Ch-2Dh
Subsystem Vendor ID (RO)
Reset Value: 100Bh
Index 2Eh-2Fh
Subsystem ID (RO)
Reset Value: 0502h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com