Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 269 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 269 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 265Page - Advanced Micro Devices SC3200 Datasheet HTML 266Page - Advanced Micro Devices SC3200 Datasheet HTML 267Page - Advanced Micro Devices SC3200 Datasheet HTML 268Page - Advanced Micro Devices SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
269
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
Offset 12h-13h
GPE0_EN — General Purpose Event 0 Enable Register (R/W)
Reset Value: 0000h
In order for the ACPI events described below to generate an SCI, the SCI_EN bit must also be set (F1BAR1+I/O Offset 0Ch[0] = 1).
The SCIs enabled in this register are globally enabled by setting F1BAR1+I/O Offset 0Ch[0] to 1. The status of the SCIs is reported in
F1BAR1+I/O Offset 10h.
15:12
Reserved.
11
Reserved.
10
GPWIO2_EN. Allow GPWIO2 to generate an SCI.
0: Disable.
1: Enable.
A fixed high-to-low or low-to-high transition (debounce period) of 31 µs exists in order for GPWIO2 to be recognized.
The setting of this bit can be overridden via F1BAR1+I/O Offset 15h[6] to force an SMI.
9
GPWIO1_EN. Allow GPWIO1 to generate an SCI.
0: Disable.
1: Enable.
See F1BAR1+I/O Offset 07h[3] for debounce information.
The setting of this bit can be overridden via F1BAR1+I/O Offset 15h[5] to force an SMI.
8
GPWIO0_EN. Allow GPWIO0 to generate an SCI.
0: Disable.
1: Enable.
See F1BAR1+I/O Offset 07h[3] for debounce information.
The setting of this bit can be overridden via F1BAR1+I/O Offset 15h[4] to force an SMI.
7
Reserved. Must be set to 0
6
USB_EN. Allow USB events to generate a SCI.
0: Disable.
1: Enable
5
THRM_EN. Allow THRM# to generate an SCI.
0: Disable.
1: Enable
4
SMI_EN. Allow SMI events to generate an SCI.
0: Disable.
1: Enable
3
GPIO_EN. Allow GPIOs (GPIO47-GPIO32 and GPIO15-GPIO0) to generate an SCI.
0: Disable.
1: Enable.
F0BAR0+I/O Offset 08h/18h selects which GPIOs are enabled for PME generation. This bit (GPIO_EN) globally enables
those selected GPIOs for generation of an SCI.
2:1
Reserved. Must be set to 0.
0
PWR_U_REQ_EN. Allow power-up request events from the SuperI/O module to generate an SCI.
0: Disable.
1: Enable.
A power-up request event is defined as any of the following events/activities: Modem, Telephone, Keyboard, Mouse, CEIR
(Consumer Electronic Infrared)
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com