Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 274 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 274 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 270Page - Advanced Micro Devices SC3200 Datasheet HTML 271Page - Advanced Micro Devices SC3200 Datasheet HTML 272Page - Advanced Micro Devices SC3200 Datasheet HTML 273Page - Advanced Micro Devices SC3200 Datasheet HTML 274Page - Advanced Micro Devices SC3200 Datasheet HTML 275Page - Advanced Micro Devices SC3200 Datasheet HTML 276Page - Advanced Micro Devices SC3200 Datasheet HTML 277Page - Advanced Micro Devices SC3200 Datasheet HTML 278Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 447 page
background image
274
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - IDE Controller Registers - Function 2
Revision 5.1
Index 30h-3Fh
Reserved
Reset Value: 00h
Index 40h-43h
Channel 0 Drive 0 PIO Register (R/W)
Reset Value: 00009172h
If Index 44h[31] = 0, Format 0. Bits [15:0] configure the same timing control for both command and data.
Format 0 settings for a Fast-PCI clock frequency of 33.3 MHz:
— PIO Mode 0 = 00009172h
— PIO Mode 1 = 00012171h
— PIO Mode 2 = 00020080h
— PIO Mode 3 = 00032010h
— PIO Mode 4 = 00040010h
Format 0 settings for a Fast-PCI clock frequency of 66.7 MHz:
— PIO Mode 0 = 0000FFF4h
— PIO Mode 1 = 0001F353h
— PIO Mode 2 = 00028141h
— PIO Mode 3 = 00034231h
— PIO Mode 4 = 00041131h
Note:
All references to "cycle" in the following bit descriptions are to a Fast-PCI clock cycle.
31:20
Reserved. Must be set to 0.
19:16
PIOMODE. PIO mode.
15:12
t2I. Recovery time (value + 1 cycle).
11:8
t3. IDE_IOW# data setup time (value + 1 cycle).
7:4
t2W. IDE_IOW# width minus t3 (value + 1 cycle).
3:0
t1. Address Setup Time (value + 1 cycle).
If Index 44h[31] = 1, Format 1. Bits [31:0] allow independent timing control for both command and data.
Format 1 settings for a Fast-PCI clock frequency of 33.3 MHz:
— PIO Mode 0 = 9172D132h
— PIO Mode 1 = 21717121h
— PIO Mode 2 = 00803020h
— PIO Mode 3 = 20102010h
— PIO Mode 4 = 00100010h
Format 1 settings for a Fast-PCI clock frequency of 66.7 MHz:
— PIO Mode 0 = F8E4F8E4h
— PIO Mode 1 = 53F3F353h
— PIO Mode 2 = 13F18141h
— PIO Mode 3 = 42314231h
— PIO Mode 4 = 11311131h
Note:
All references to "cycle" in the following bit descriptions are to a Fast-PCI clock cycle.
31:28
t2IC. Command cycle recovery time (value + 1 cycle).
27:24
t3C. Command cycle IDE_IOW# data setup (value + 1 cycle).
23:20
t2WC. Command cycle IDE_IOW# pulse width minus t3 (value + 1 cycle).
19:16
t1C. Command cycle address setup time (value + 1 cycle).
15:12
t2ID. Data cycle recovery time (value + 1 cycle).
11:8
t3D. Data cycle IDE_IOW# data setup (value + 1 cycle).
7:4
t2WD. Data cycle IDE_IOW# pulse width minus t3 (value + 1 cycle).
3:0
t1D. Data cycle address Setup Time (value + 1 cycle).
Table 6-35. F2: PCI Header/Channels 0 and 1 Registers for IDE Controller Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com