Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 313 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 313 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 309Page - Advanced Micro Devices SC3200 Datasheet HTML 310Page - Advanced Micro Devices SC3200 Datasheet HTML 311Page - Advanced Micro Devices SC3200 Datasheet HTML 312Page - Advanced Micro Devices SC3200 Datasheet HTML 313Page - Advanced Micro Devices SC3200 Datasheet HTML 314Page - Advanced Micro Devices SC3200 Datasheet HTML 315Page - Advanced Micro Devices SC3200 Datasheet HTML 316Page - Advanced Micro Devices SC3200 Datasheet HTML 317Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
313
Core Logic Module - ISA Legacy Register Space
Revision 5.1
6.4.7
ISA Legacy Register Space
The ISA Legacy registers reside in the ISA I/O address
space in the address range from 000h to FFFh and are
accessed through typical input/output instructions (i.e.,
CPU direct R/W) with the designated I/O port address and
8-bit data.
The bit formats for the ISA Legacy I/O Registers plus two
chipset-specific configuration registers used for interrupt
mapping in the Core Logic module are given in this section.
The ISA Legacy registers are separated into the following
DMA Channel Control Registers, see Table 6-43
• DMA Page Registers, see Table 6-44
• Programmable Interval Timer Registers, see Table 6-45
• Programmable Interrupt Controller Registers, see Table
6-46
• Keyboard Controller Registers, see Table 6-47
• Real-Time Clock Registers, see Table 6-48
• Miscellaneous Registers, see Table 6-49 (includes
4D0h and 4D1h Interrupt Edge/Level Select Registers)
Table 6-43. DMA Channel Control Registers
Bit
Description
I/O Port 000h
DMA Channel 0 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 001h
DMA Channel 0 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 002h
DMA Channel 1 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 003h
DMA Channel 1 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 004h
DMA Channel 2 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 005h
DMA Channel 2 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 006h
DMA Channel 3 Address Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 007h
DMA Channel 3 Transfer Count Register (R/W)
Written as two successive bytes, byte 0, 1.
I/O Port 008h (R/W)
Read
DMA Status Register, Channels 3:0
7
Channel 3 Request. Indicates if a request is pending.
0: No.
1: Yes.
6
Channel 2 Request. Indicates if a request is pending.
0: No.
1: Yes.
5
Channel 1 Request. Indicates if a request is pending.
0: No.
1: Yes.
4
Channel 0 Request. Indicates if a request is pending.
0: No.
1: Yes.
3
Channel 3 Terminal Count. Indicates if TC was reached.
0: No.
1: Yes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com