Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 314 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 314 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 310Page - Advanced Micro Devices SC3200 Datasheet HTML 311Page - Advanced Micro Devices SC3200 Datasheet HTML 312Page - Advanced Micro Devices SC3200 Datasheet HTML 313Page - Advanced Micro Devices SC3200 Datasheet HTML 314Page - Advanced Micro Devices SC3200 Datasheet HTML 315Page - Advanced Micro Devices SC3200 Datasheet HTML 316Page - Advanced Micro Devices SC3200 Datasheet HTML 317Page - Advanced Micro Devices SC3200 Datasheet HTML 318Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 447 page
background image
314
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - ISA Legacy Register Space
Revision 5.1
2
Channel 2 Terminal Count. Indicates if TC was reached.
0: No.
1: Yes.
1
Channel 1 Terminal Count. Indicates if TC was reached.
0: No.
1: Yes.
0
Channel 0 Terminal Count. Indicates if TC was reached.
0: No.
1: Yes.
Write
DMA Command Register, Channels 3:0
7
DACK Sense.
0: Active low.
1: Active high.
6
DREQ Sense.
0: Active high.
1: Active low.
5
Write Selection.
0: Late write.
1: Extended write.
4
Priority Mode.
0: Fixed.
1: Rotating.
3
Timing Mode.
0: Normal.
1: Compressed.
2
Channels 3:0.
0: Disable.
1: Enable.
1:0
Reserved. Must be set to 0.
I/O Port 009h
Software DMA Request Register, Channels 3:0 (W)
7:3
Reserved. Must be set to 0.
2
Request Type.
0: Reset.
1: Set.
1:0
Channel Number Request Select
00: Channel 0.
01: Channel 1.
10: Channel 2.
11: Channel 3.
I/O Port 00Ah
DMA Channel Mask Register, Channels 3:0 (WO)
7:3
Reserved. Must be set to 0.
2
Channel Mask.
0: Not masked.
1: Masked.
1:0
Channel Number Mask Select.
00: Channel 0.
01: Channel 1.
10: Channel 2.
11: Channel 3.
Table 6-43. DMA Channel Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com