Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 361 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 361 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 357Page - Advanced Micro Devices SC3200 Datasheet HTML 358Page - Advanced Micro Devices SC3200 Datasheet HTML 359Page - Advanced Micro Devices SC3200 Datasheet HTML 360Page - Advanced Micro Devices SC3200 Datasheet HTML 361Page - Advanced Micro Devices SC3200 Datasheet HTML 362Page - Advanced Micro Devices SC3200 Datasheet HTML 363Page - Advanced Micro Devices SC3200 Datasheet HTML 364Page - Advanced Micro Devices SC3200 Datasheet HTML 365Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
361
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 90h-93h
Video Request Register (R/W)
Reset Value: 001B0017h
31:28
Reserved. Set to 0.
27:16
VIDEO_X_REQ (Video Horizontal Request). Determines the horizontal (pixel) location at which to start requesting video
data out of the video FIFO. This value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 2.
15:11
Reserved
10:0
VIDEO_Y_REQ (Video Vertical Request). Determines the line number at which to start requesting video data out of the
video FIFO. This value is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 94h-97h
Alpha Watch Register (RO)
Reset Value: 00000000h
Alpha values may be automatically incremented/decremented for successive frames. This register can be used to read the alpha values
that are being used in the current frame.
31:24
Reserved.
23:16
ALPHA3_VAL (Value for Alpha Window 3).
15:8
ALPHA2_VAL (Value for Alpha Window 2).
7:0
ALPHA1_VAL (Value for Alpha Window 1).
Offset 98h-3FFh
Reserved
Offset 400h-403h
Video Processor Display Mode Register (R/W)
Reset Value: 00000000h
Selects various Video Processor modes.
31
Video FIFO Underflow (Empty).
0: No underflow has occurred.
1: Underflow has occurred.
Write 1 to reset this bit.
30
Video FIFO OverFlow (Full).
0: No overflow has occurred.
1: Overflow has occurred.
Write 1 to reset this bit.
29
Reserved. Write as read.
28
Reserved. Write as read.
27:4
Reserved. Set to 0.
3
Reserved. Write as read.
2
Note:
Reserved. Write as read.
1:0
VID_SEL (Video Select). Selects the source of the video data.
00: GX1 module.
10: VIP block.
01: Reserved.
11: Reserved.
The GX1 module’s video clock must be active at all times, regardless of the source of video input.
Offset 404h-407h
Reserved
Reset Value: 00000000h
Offset 408h-40Bh
Video Processor Test Mode Register (R/W)
Reset Value: 00000000h
31:0
Reserved.
Offset 40Ch-41Fh
Reserved
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com