Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 358 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 358 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices SC3200 Datasheet HTML 356Page - Advanced Micro Devices SC3200 Datasheet HTML 357Page - Advanced Micro Devices SC3200 Datasheet HTML 358Page - Advanced Micro Devices SC3200 Datasheet HTML 359Page - Advanced Micro Devices SC3200 Datasheet HTML 360Page - Advanced Micro Devices SC3200 Datasheet HTML 361Page - Advanced Micro Devices SC3200 Datasheet HTML 362Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 447 page
background image
358
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 60h-63h
Alpha Window 1 X Position Register (R/W)
Reset Value: 00000000h
Note:
H_TOTAL and H_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8330h[26:19] and 8338h[10:3], respectively). The value of (H_TOTAL – H_SYNC_END) is some-
times referred to as “horizontal back porch”. For more information, see the AMD Geode™ GX1 Processor Data Book.
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved.
26:16
ALPHA1_X_END (Alpha Window 1 Horizontal End). Determines the horizontal end position of Alpha Window 1 (not inclu-
sive). This value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 1.
15:11
Reserved.
10:0
ALPHA1_X_START (Alpha Window 1 Horizontal Start). Determines the horizontal start position of Alpha Window 1. This
value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 2.
Offset 64h-67h
Alpha Window 1 Y Position Register (R/W)
Reset Value: 00000000h
Note:
V_TOTAL and V_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8340h[26:16] and 8348h[26:16], respectively). The value of (V_TOTAL – V_SYNC_END) is some-
times referred to as “vertical back porch”. For more information, see the AMD Geode™ GX1 Processor Data Book.
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved.
26:16
ALPHA1_Y_END (Alpha Window 1 Vertical End). Determines the vertical end position of Alpha Window 1 (not inclusive).
This value is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 2.
15:11
Reserved.
10:0
ALPHA1_Y_START (Alpha Window 1 Vertical Start). Determines the vertical start position of Alpha Window 1. This value
is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 68h-6Bh
Alpha Window 1 Color Register (R/W)
Reset Value: 00000000h
31:25
Reserved.
24
ALPHA1_COLOR_REG_EN (Alpha Window 1 Color Register Enable). Enable bit for the color key matching in Alpha
Window 1.
1: Enable. If this bit is enabled and the alpha window is enabled, then where there is a color key match. The color value (in
bits [23:0], ALPHA1_COLOR_REG) is displayed.
0: Disable. Where there is a color key match, no blending is performed.
23:0
ALPHA1_COLOR_REG (Alpha Window 1 Color Register). Specifies the color to be displayed inside Alpha Window 1
when there is a color key match in the alpha window. This is an RGB value (for RGB blending) or a YUV value (for YUV
blending). In interlaced YUV blending mode, Y/2 value should be used.
This color is only displayed if the alpha window is enabled and bit 24 (ALPHA1_COLOR_REG_EN) is enabled.
Offset 6Ch-6Fh
Alpha Window 1 Control Register (R/W)
Reset Value: 00000000h
31:18
Reserved.
17
LOAD_ALPHA (Load Alpha Value). (Write Only) When set to 1, this bit causes the Video Processor to load the alpha
value (in bits [7:0], ALPHA_VAL) at the start of the next frame.
16
ALPHA1_WIN_EN (Alpha Window 1 Enable). Enable bit for Alpha Window 1.
1: Enable Alpha Window 1.
0: Disable Alpha Window 1.
Note:
Valid only if video window is enabled (F4BAR0+Memory Offset 00h[0] = 1).
15:8
ALPHA1_INC (Alpha Window 1 Increment). Specifies the alpha value increment/decrement. This is a signed 8-bit value
that is added to the alpha value for each frame. The MSB (bit 15) indicates the sign (i.e., increment or decrement). When
this value reaches either the maximum or the minimum alpha value (255 or 0) it keeps that value (i.e., it is not incremented/
decremented) until it is reloaded via bit 17 (LOAD_ALPHA).
7:0
ALPHA1_VAL (Alpha Window 1 Value). Specifies the alpha value to be used for this window.
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com