Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 355 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 355 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 351Page - Advanced Micro Devices SC3200 Datasheet HTML 352Page - Advanced Micro Devices SC3200 Datasheet HTML 353Page - Advanced Micro Devices SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices SC3200 Datasheet HTML 356Page - Advanced Micro Devices SC3200 Datasheet HTML 357Page - Advanced Micro Devices SC3200 Datasheet HTML 358Page - Advanced Micro Devices SC3200 Datasheet HTML 359Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
355
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 3Ch-3Fh
Video Downscaler Control Register (R/W)
Reset Value: 00000000h
Controls the characteristics of the integrated video downscaler.
31:7
Reserved
6
DTS (Downscale Type Select).
0: Type A (Downscale formula is 1/m+1, m pixels are dropped, 1 pixel is kept).
1: Type B (Downscale formula is m/m+1, m pixels are kept, 1 pixel is dropped).
5
Reserved.
4:1
DFS (Downscale Factor Select). Determines the downscale factor to be programmed into these bits, where m is used to
derive the desired downscale factor depending on bit 6 (DTS).
0
DCF (Downscaler and Filtering). Enables/disables downscaler and filtering logic.
0: Disable.
1: Enable.
Note:
No downscaling support for RGB 5:6:5 and YUV 4:2:0 video formats.
Offset 40h-43h
Video Downscaler Coefficient Register (R/W)
Reset Value: 00000000h
Indicates filter coefficients. The filters can be programmed independently to increase video quality when the downscaler is implemented.
Valid values for each filter coefficient are 0-15. The sum of coefficients must be 16. FLT_CO_4 is used with the earliest pixels and
FLT_CO_1 is used with the latest. Only luminance values of pixels are filtered.
31:28
Reserved
27:24
FLT_CO_4 (Filter Coefficient 4). For the tap-4 filter.
23:20
Reserved
19:16
FLT_CO_3 (Filter Coefficient 3). For the tap-3 filter.
15:12
Reserved
11:8
FLT_CO_2 (Filter Coefficient 2). For the tap-2 filter.
7:4
Reserved
3:0
FLT_CO_1 (Filter Coefficient 1). For the tap-1 filter.
Offset 44h-47h
CRC Signature Register (R/W)
Reset Value: xxxxx100h
Signature values stored in this register can be read by the host. This register is used for test purposes.
31:8
SIG_VALUE (Signature Value). (Read Only) A 24-bit signature value is stored in this bit field and can be read at any time.
The signature is produced from the RGB data output of the mixer. This bit field is used for test purpose only.
See SIGN_EN (bit 0) description for more information.
7:3
Reserved
2
SIGN_FREE (Signature Free Run).
0: Disable. (Default) If this bit was previously set to 1, the signature process stops at the end of the current frame (i.e., at
the next falling edge of VSYNC).
1: Enable. If SIGN_EN (bit 0) = 1, the signature register captures data continuously across multiple frames.
1
Reserved.
0
SIGN_EN (Signature Enable).
0: Disable. (Default) The SIG_VALUE (bits [31:8]) is reset to 000001h and held (no capture).
1: Enable. The next falling edge of VSYNC is counted as the start of the frame to be used for CRC checking with each pixel
clock beginning with the next VSYNC.
If SIGN_FREE (bit 2) = 1, the signature register captures the pixel data signature continuously across multiple frames.
If SIGN_FREE (bit 2) = 0, a signature is captured for one frame at a time, starting from the next falling VSYNC.
After a signature capture, the SIG_VALUE can be read to determine the CRC check status. SIGN_EN can then be reset to
initialize the SIG_VALUE as an essential preparation for the next round of CRC check.
Offset 48h-4Bh
Device and Revision Identification (RO)
Reset Value: 0000xxxxh
31:16
Reserved.
15:8
REV_ID (Revision ID). See the AMD Geode™ SC3200 Specification Update document for value.
7:0
DEV_ID (Device ID). See the AMD Geode™ SC3200 Specification Update document for value.
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com