Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 352 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 352 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices SC3200 Datasheet HTML 350Page - Advanced Micro Devices SC3200 Datasheet HTML 351Page - Advanced Micro Devices SC3200 Datasheet HTML 352Page - Advanced Micro Devices SC3200 Datasheet HTML 353Page - Advanced Micro Devices SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices SC3200 Datasheet HTML 356Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 447 page
background image
352
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 08h-0Bh
Video X Position Register (R/W)
Reset Value: 00000000h
Provides the window X position. This register is programmed relative to CRT horizontal sync input (not physical screen position).
Note:
H_TOTAL and H_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8330h[26:19] and 8338h[10:3], respectively). The value of (H_TOTAL – H_SYNC_END) is some-
times referred to as “horizontal back porch”. For more information, see the AMD Geode™ GX1 Processor Data Book.
31:28
Reserved.
27:16
VID_X_END (Video X End Position). Represents the horizontal end position of the video window (not inclusive). This value
is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 13.
15:12
Reserved.
11:0
VID_X_START (Video X Start Position). Represents the horizontal start position of the video window. This value is calcu-
lated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 14.
Offset 0Ch-0Fh
Video Y Position Register (R/W)
Reset Value: 00000000h
Provides the window Y position. This register is programmed relative to CRT vertical sync input (not physical screen position).
Note:
V_TOTAL and V_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8340h[26:16] and 8348h[26:16], respectively). The value of (V_TOTAL – V_SYNC_END) is some-
times referred to as “vertical back porch”. For more information, see the AMD Geode™ GX1 Processor Data Book.
31:27
Reserved.
26:16
VID_Y_END (Video Y End Position). Represents the vertical end position of the video window (not inclusive). This value is
calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 2.
15:11
Reserved
10:0
VID_Y_START (Video Y Start Position). Represents the vertical start position of the video window. This value is calculated
according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 10h-13h
Video Upscale Register (R/W)
Reset Value: 00000000h
Provides horizontal and vertical upscale factors of the window.
31:30
Reserved.
29:16
VID_Y_SCL (Video Y Scale Factor). Represents the vertical upscale factor of the video window according to the following
formula:
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
where:
Ys = Video source vertical size in pixels
Yd = Video destination vertical size in pixels
Note:
Upscale factor must be used. Yd is equal or bigger than Ys. If no scaling is intended, set to 2000h. The actual scale
factor used is VID_Y_SCL/8192, but the formula above fits a given source number of lines into a destination win-
dow size.
Note:
When progressive mixing/blending is programmed (F4BAR0+Memory Offset 4Ch[9] = 0) and the video data is
interlaced, this register should be programmed to 1000h to double the vertical lines,
15:14
Reserved.
13:0
VID_X_SCL (Video X Scale Factor). Represents horizontal upscale factor of the video window according to the following
formula:
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
where:
Xs = Video source horizontal size in pixels
Xd = Video destination vertical size in pixels
Note:
Upscale factor must be used. Xd is equal or bigger than Xs. If no scaling is intended, set to 2000h. The actual scale
factor used is VID_X_SCL/8192, but the formula above fits a given source number of pixels into a destination win-
dow size.
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com