Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 348 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 348 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices SC3200 Datasheet HTML 350Page - Advanced Micro Devices SC3200 Datasheet HTML 351Page - Advanced Micro Devices SC3200 Datasheet HTML 352Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 447 page
background image
348
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
7.3.2
Video Processor Registers - Function 4
The register space designated as Function 4 (F4) is used
to configure the PCI portion of support hardware for
accessing the Video Processor support registers, including
VIP (separate BAR). The bit formats for the PCI Header
registers are given in Table 7-6.
Located in the PCI Header Registers of F4 are three Base
Address Registers (F4BARx) used for pointing to the regis-
ter spaces designated for Video Processor support.
F4BAR0 is for Video Processor Configuration, F4BAR1 is
reserved, and F4BAR2 is for VIP configuration.
Table 7-6. F4: PCI Header Registers for Video Processor Support Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value: 100Bh
Index 02h-03h
Device Identification Register (RO)
Reset Value: 0504h
Index 04h-05h
PCI Command Register (R/W)
Reset Value: 0000h
15:2
Reserved. (Read Only)
1
Memory Space. Allow the Core Logic module to respond to memory cycles from the PCI bus.
0: Disable.
1: Enable.
This bit must be enabled to access memory offsets through F4BAR0, F4BAR1, and F4BAR2 (see F4 Index 10h, 14h, and
18h).
0
Reserved. (Read Only)
Index 06h-07h
PCI Status Register (RO)
Reset Value: 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value: 01h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 030000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value: 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value: 00h
Index 0Eh
PCI Header Type (RO)
Reset Value: 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value: 00h
Index 10h-13h
Base Address Register 0 - F4BAR0 (R/W)
Reset Value: 00000000h
Video Processor Video Memory Address Space. This register allows PCI access to the memory mapped Video Processor configura-
tion registers. Bits [11:0] are read only (0000 0000 0000) indicating a 4 KB memory address range. See Table 7-7 on page 350 for bit
formats and reset values of the registers accessed through this base address register.
31:12
Video Processor Video Memory Base Address.
11:0
Address Range. (Read Only)
Index 14h-17h
Base Address Register 1 - F4BAR1 (R/W)
Reset Value: 00000000h
Reserved
Index 18h-1Bh
Base Address Register 2 - F4BAR2 (R/W)
Reset Value: 00000000h
VIP Address Space. This register allows access to memory mapped VIP (Video Interface Port) related registers. Bits [11:0] are read
only (0000 0000 0000), indicating a 4 KB I/O address range. Refer to Table 7-8 for the VIP register bit formats and reset values.
31:12
VIP Base Address.
11:0
Address Range. (Read Only)
Index 1Ch-2Bh
Reserved
Reset Value: 00h
Index 2Ch-2Dh
Subsystem Vendor ID (RO)
Reset Value: 100Bh
Index 2Eh-2Fh
Subsystem ID (RO)
Reset Value: 0504h
Index 30h-3Bh
Reserved
Reset Value: 00h
Index 3Ch
Interrupt Line Register (R/W)
Reset Value: 00h
This register identifies the system interrupt controllers to which the device’s interrupt pin is connected. The value of this register is used
by device drivers and has no direct meaning to this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com