Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 346 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 346 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 342Page - Advanced Micro Devices SC3200 Datasheet HTML 343Page - Advanced Micro Devices SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices SC3200 Datasheet HTML 350Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 447 page
background image
346
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Register Summary
Revision 5.1
28h-2Bh
32
R/W
Miscellaneous Register
00001400h
Page 354
2Ch-2Fh
32
R/W
PLL2 Clock Select Register
00000000h
Page 354
30h-33h
32
---
Reserved
00000000h
Page 354
34h-37h
32
RO
Reserved
00000000h
Page 354
38h-3Bh
32
RO
Reserved
00000000h
Page 354
3Ch-3Fh
32
R/W
Video Downscaler Control Register
00000000h
Page 355
40h-43h
32
R/W
Video Downscaler Coefficient Register
00000000h
Page 355
44h-47h
32
R/W
CRC Signature Register
xxxxx100h
Page 355
48h-4Bh
32
RO
Device and Revision Identification
0000015xh
Page 355
4Ch-4Fh
32
R/W
Video De-Interlacing and Alpha Control Register
00060000h
Page 356
50h-53h
32
R/W
Cursor Color Key Register
00000000h
Page 357
54h-57h
32
R/W
Cursor Color Mask Register
00000000h
Page 357
58h-5Bh
32
R/W
Cursor Color Register 1
00000000h
Page 357
5Ch-5Fh
32
R/W
Cursor Color Register 2
00000000h
Page 357
60h-63h
32
R/W
Alpha Window 1 X Position Register
00000000h
Page 358
64h-67h
32
R/W
Alpha Window 1 Y Position Register
00000000h
Page 358
68h-6Bh
32
R/W
Alpha Window 1 Color Register
00000000h
Page 358
6Ch-6Fh
32
R/W
Alpha Window 1 Control Register
00000000h
Page 358
70h-73h
32
R/W
Alpha Window 2 X Position Register
00000000h
Page 359
74h-77h
32
R/W
Alpha Window 2 Y Position Register
00000000h
Page 359
78h-7Bh
32
R/W
Alpha Window 2 Color Register
00000000h
Page 359
7Ch-7Fh
32
R/W
Alpha Window 2 Control Register
00000000h
Page 359
80h-83h
32
R/W
Alpha Window 3 X Position Register
00000000h
Page 360
84h-87h
32
R/W
Alpha Window 3 Y Position Register
00000000h
Page 360
88h-8Bh
32
R/W
Alpha Window 3 Color Register
00000000h
Page 360
8Ch-8Fh
32
R/W
Alpha Window 3 Control Register
00000000h
Page 360
90h-93h
32
R/W
Video Request Register
001B0017h
Page 361
94h-97h
32
RO
Alpha Watch Register
00000000h
Page 361
98h-3FFh
---
Reserved
---
Page 361
400h-403h
32
R/W
Video Processor Display Mode Register
00000000h
Page 361
404h-407h
32
---
Reserved
00000000h
Page 361
408h-40Bh
32
R/W
Video Processor Test Mode Register
00000000h
Page 361
40Ch-41Fh
---
---
Reserved
00000000h
Page 361
420h-423h
32
R/W
GenLock Register
00000000h
Page 362
424h-427h
32
R/W
GenLock Delay Register
00000000h
Page 362
428h-43Bh
---
---
Reserved
---
Page 362
43Ch-43Fh
32
R/W
Continuous GenLock Time-out Register
1FFF1FFFh
Page 362
Table 7-4. F4BAR0: Video Processor Configuration Registers Summary (Continued)
F4BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 7-7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com