Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 342 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 342 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 338Page - Advanced Micro Devices SC3200 Datasheet HTML 339Page - Advanced Micro Devices SC3200 Datasheet HTML 340Page - Advanced Micro Devices SC3200 Datasheet HTML 341Page - Advanced Micro Devices SC3200 Datasheet HTML 342Page - Advanced Micro Devices SC3200 Datasheet HTML 343Page - Advanced Micro Devices SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 447 page
background image
342
AMD Geode™ SC3200 Processor Data Book
Video Processor Module
Revision 5.1
Figure 7-12. Color Key and Alpha Blending Logic
Color register
enabled for this
window
“Graphics2
inside Video”
is enabled
Cursor color
key matches
graphics value
Pixel outside
the video
window
No
Yes
Use selected cur-
sor color for pixel
No
No
Pixel value3
matches
normal color
key
Yes
No
Blend graphics
values and video
values using the
alpha value for
this window
Pixel value3
matches
normal color
key
No
Use graphics
value for this pixel
Yes
Yes
Replace the value
with the color
register value
Yes
Start
Notes:
1)
Alpha window should not be placed outside of the video window.
2)
“Graphics inside Video” is enabled via bit GFX_INS_VIDEO in the Video De-interlacing and Alpha Control register
(F4BAR0+Memory Offset 4Ch[8]).
3)
The “Pixel Value” refers to either the Video value or the Graphics value, depending on the setting of bit COLOR_CHROMA_SEL
in the Display Configuration register (F4BAR0+Memory Offset 04h[20]).
Yes
Use graphics
value for this pixel
Use video value
for this pixel
Yes
COLOR_CHROMA
_SEL = 1
No
No
No
Yes
Use graphics
value for this pixel
Use video value
for this pixel
No
Yes
Yes
No
Pixel inside1
alpha window
COLOR_CHROMA
_SEL = 1
COLOR_CHROMA
_SEL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com