Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 339 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 339 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 335Page - Advanced Micro Devices SC3200 Datasheet HTML 336Page - Advanced Micro Devices SC3200 Datasheet HTML 337Page - Advanced Micro Devices SC3200 Datasheet HTML 338Page - Advanced Micro Devices SC3200 Datasheet HTML 339Page - Advanced Micro Devices SC3200 Datasheet HTML 340Page - Advanced Micro Devices SC3200 Datasheet HTML 341Page - Advanced Micro Devices SC3200 Datasheet HTML 342Page - Advanced Micro Devices SC3200 Datasheet HTML 343Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
339
Video Processor Module
Revision 5.1
7.2.3.1
YUV to RGB CSC in Video Data Path
This CSC must be enabled if the video data is in the YUV
color space. The CSC_FOR_VIDEO bit, F4BAR0+Memory
Offset 4Ch[10], controls this CSC.
YUV video data is passed through this CSC to obtain 24-bit
RGB data using the following CCIR-601-1 recommended
formula:
• R = 1.1640625(Y – 16) + 1.59375(V – 128)
• G = 1.1640625(Y – 16) – 0.8125(V – 128) –
0.390625(U – 128)
• B = 1.1640625(Y – 16) + 2.015625(U – 128)
The CSC clamps inputs to prevent them from exceeding
acceptable limits.
7.2.3.2
Gamma Correction
Either the video or graphics data can be routed through an
integrated palette RAM for Gamma correction. There are
three 256-byte RAMs, one for each color component value.
Gamma correction supported in the YUV or RGB color
space for the video data and RGB color space for the
graphics data. Gamma correction is accomplished by treat-
ing each color component as an address into each RAM.
The output of the RAM is the new color. A simple RGB
Gamma correction example is to increase each color com-
ponent by one. The address 00h in the RAMs would con-
tain the data 01h. The address 01h would contain the data
02h and so on. This would have the effect of increasing
each original Red, Green, and Blue value by one.
• G_V_GAMMA, F4BAR0+Memory Offset 04h[21] selects
which data path (video or graphics) to send to the
Gamma correction block. GAMMA_EN,
F4BAR0+Memory Offset 28h[0] enables the Gamma
correction function. To load the Gamma correction
palette RAM, use F4BAR0+Memory Offset 1Ch and
20h.
7.2.3.3
Color/Chroma Key
A color/chroma key mechanism is used to support the
Mixer/Blender logic. There are two keys: key1 is for the cur-
sor and key2 is for graphics or video data. Key1, the cursor
key, is always a color key. The cursor color key registers
are located at, F4BAR0+Memory Offset 50h-5CF. How the
cursor key mechanism works with the Mixer/Blender is
explained in Section 7.2.3.4. COLOR_CHROMA_KEY
(F4BAR0+Memory Offset 04h[20]) determines whether
key2 is a color key or a chroma key. The Video Color Key
Register (F4BAR0+Memory Offset 14h) stores the key.
Color keying is used when video is overlaid on the graphics
(GFX_INS_VIDEO, F4BAR0+Memory Offset 4Ch[8] = 0).
Chroma keying is used when graphics is overlaid on the
video (GFX_INS_VIDEO = 1). How the color/chroma key
mechanism works with the Mixer/Blender is explained in
Section 7.2.3.4.
Table 7-1. Valid Mixing/Blending Configurations
Mixing/Blending1
(Bit)
Flicker
Filter2 (Bit)
Mode
Comment
13
11
10
9
30
29
001000
Input: YUV Progressive Video
Mixing: RGB
•
Produces highest quality RGB output (see Section
7.2.1.2 "Capture Video Mode", Weave subsection on
page 333).
100000
Input: RGB Progressive Video
Mixing: RGB
•
Produces highest quality RGB output (see Section
7.2.1.2 "Capture Video Mode", Weave subsection on
page 333).
010101
Input: YUV Interlaced Video
Mixing: YUV
•
Not supported.
010000
Input: YUV Progressive Video
Mixing: YUV
•
Not supported.
001000
Input: YUV Interlaced Video
upscaled by 2
Mixing: RGB
•
Typically Direct Video mode.
•
Must be vertically upscaled by a factor of 2 (see
Section 7.2.2.5 "2-Tap Vertical and Horizontal
Upscalers" on page 337).
1.
F4BAR0+Memory Offset 4Ch[13, 11:9].
2.
F4BAR0+Memory Offset 814h[30:29].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com