Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 335 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 335 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 331Page - Advanced Micro Devices SC3200 Datasheet HTML 332Page - Advanced Micro Devices SC3200 Datasheet HTML 333Page - Advanced Micro Devices SC3200 Datasheet HTML 334Page - Advanced Micro Devices SC3200 Datasheet HTML 335Page - Advanced Micro Devices SC3200 Datasheet HTML 336Page - Advanced Micro Devices SC3200 Datasheet HTML 337Page - Advanced Micro Devices SC3200 Datasheet HTML 338Page - Advanced Micro Devices SC3200 Datasheet HTML 339Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
335
Video Processor Module
Revision 5.1
7.2.2
Video Block
The Video block receives video data from the VIP block or
the GX1 module’s video frame buffer. The video data is for-
matted and scaled and then sent to the Mixer/Blender. The
video data also changes clock domains while in the Video
block. It is clocked in with the GX1 module’s video clock
and it is clocked out with the GX1 module’s graphics clock.
A diagram of the Video block is shown in Figure 7-7.
7.2.2.1
Video Input Formatter
The Video Input Formatter accepts video data 8 bits at a
time in YUV 4:2:2, YUV 4:2:0, or RGB 6:5:6 format. The
GX1 module’s video clock is the source clock. The data can
be interlaced or progressive. When the data comes directly
from the VIP block it is usually interlaced. The video format
is configured via the EN_42X bit (F4BAR0+Memory Offset
00h[28] and the GV_SEL bit (F4BAR0+Memory Offset
4Ch[13]). The byte order for each format is configured in
the VID_FMT bits (F4BAR0+Offset 00h[3:2]).
RGB 5:6:5 – For this format each pixel is described as a
16-bit value:
Bits [15:11] = Red
Bits [10:5] = Green
Bits [4:0] = Blue
YUV 4:2:0 – This format is not supported by the GX1 mod-
ule. The Horizontal Downscaler in the Video block cannot
be used if the video data is in this format. In this format, 4
bytes of data are used to describe two pixels. The 4 bytes
contain two Y values one for each pixel; one U and one V
for both pixels. For each horizontal line, all the Y values are
received first. The U values are received next and the V
values are received last. For example for a horizontal line
that has 720 pixels, there are 720 bytes of Y, followed by
360 bytes of U, followed by 360 bytes of V.
YUV 4:2:2 – In this format each DWORD in the horizontal
line represent two pixels. There are two Y values and one
each U and V in a DWORD. Just as in the YUV 4:2:0 for-
mat, each U and V value describes the two pixels.
Figure 7-7. Video Block Diagram
Video Input
Formatter
4-Tap Horizontal
Downscaler
m
m+1
1
m+1
or
GX1
Direct
Video Input
Line Buffer 0
Line Buffer 1
Line Buffer 2
Formatter
4:4:4
2-Tap Vertical
Interpolating Upscaler
24
24
24
2-Tap Horizontal
Interpolating Upscaler
YUV 4:4:4/RGB 5:6:5
Video
Module
8
8
(3x360x32 bit)
(4:2:2 or 4:2:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com