Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 337 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 337 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 333Page - Advanced Micro Devices SC3200 Datasheet HTML 334Page - Advanced Micro Devices SC3200 Datasheet HTML 335Page - Advanced Micro Devices SC3200 Datasheet HTML 336Page - Advanced Micro Devices SC3200 Datasheet HTML 337Page - Advanced Micro Devices SC3200 Datasheet HTML 338Page - Advanced Micro Devices SC3200 Datasheet HTML 339Page - Advanced Micro Devices SC3200 Datasheet HTML 340Page - Advanced Micro Devices SC3200 Datasheet HTML 341Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
337
Video Processor Module
Revision 5.1
7.2.2.3
Line Buffers
After the data has been optionally horizontally downscaled
the video data is stored in a 3-line buffer. Each line is 360
DWORDs, which means a line width of up to 720 pixels can
be stored. This buffer supports two functions. First, the
clock domain of the video data changes from the GX1
module’s video clock to the GX1 module’s graphics clock.
This clock domain change is required because the video
data and graphics data can only be mixed/blended in the
same clock domain. The second function the line buffer
performs is to provide the necessary look ahead and look
behind data in the vertical direction for the vertical
upscaler. There is no direct program control of the line
buffer.
7.2.2.4
Formatter
Video data in YUV 4:2:2 or YUV 4:2:0 format is converted
to YUV 4:4:4 format. RGB data is not translated. There is
no direct program control of the Formatter.
7.2.2.5
2-Tap Vertical and Horizontal Upscalers
After the video data has been buffered, the upscaling algo-
rithm can be applied. The Video Processor employs a Digi-
tal Differential Analyzer-style (DDA) algorithm for both
horizontal and vertical upscaling. The scaling parameters
are
programmed
via
the
Video
Upscale
register
(F4BAR0+Memory Offset 10h). The scalers support up to
8x factors for both horizontal and vertical scaling. The
scaled video pixel stream is then passed through bi-linear
interpolating filters (2-tap, 8-phase) to smooth the output
video, significantly enhancing the quality of the displayed
image.
The X and Y Upscaler uses the DDA and linear interpolat-
ing filter to calculate (via interpolation) the values of the pix-
els to be generated. The interpolation formula uses Ai,j,
Ai,j+1, Ai+1,j, and Ai+1,j+1 values to calculate the value of
intermediate points. The actual location of calculated
points is determined by the DDA algorithm.
The location of each intermediate point is one of eight
phases between the original pixels (see Figure 7-9).
Figure 7-9. Linear Interpolation Calculation
b1
b2
x
z
y
Ai,j+1
Ai+1,j+1
Ai+1,j
Ai,j
Notes:
x and y are 0 - 7
b1
Aij,
()8 y
–
8
------------
Ai 1 j,
+
()y
8
---
+
=
b2
Aij,1
+
()8 y
–
8
------------
Ai 1 j 1
+
,
+
()y
8
---
+
=
zb1
()8 x
–
8
------------
b2
()x
8
---
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com