Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 331 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 331 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 327Page - Advanced Micro Devices SC3200 Datasheet HTML 328Page - Advanced Micro Devices SC3200 Datasheet HTML 329Page - Advanced Micro Devices SC3200 Datasheet HTML 330Page - Advanced Micro Devices SC3200 Datasheet HTML 331Page - Advanced Micro Devices SC3200 Datasheet HTML 332Page - Advanced Micro Devices SC3200 Datasheet HTML 333Page - Advanced Micro Devices SC3200 Datasheet HTML 334Page - Advanced Micro Devices SC3200 Datasheet HTML 335Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
331
Video Processor Module
Revision 5.1
7.2.1
Video Input Port (VIP)
The VIP block is designed to interface the SC3200 with
external video processors (e.g., Philips PNX1300 or Sigma
Designs EM8400) or external TV decoders (e.g., Philips
SAA7114). It inputs CCIR-656 Video and raw VBI data
sourced by those devices, decodes the data, and delivers
the data directly to the Video Formatter (Direct Video
mode) or to the GX1 module’s video frame buffer (Capture
Video/VBI modes). Figure 7-4 shows a diagram of the VIP
block.
From the VIP block’s perspective, Direct Video mode is
always on. There are no registers that enable/disable
Direct Video mode. The data source selected at the video
mux (F4BAR0+Memory Offset 400h[1:0]) determines if the
data from the VIP interface is moved directly or must be
captured.
Two FIFOs in the VIP block support the efficient movement
of Video and VBI data. For Capture Video/VBI modes, a
128-byte FIFO buffers both Video and raw VBI data pro-
cessed by the CCIR-656 decoder. For Direct Video mode,
there is a 2048-byte FIFO that buffer the CCIR-656
decoder’s video data. The FIFOs are also used to provide
clock domain changes. The VIP interface clock (nominally
27 MHz) is the input clock domain for both FIFOs. For the
Capture Video/VBI FIFO, the data is clocked out using the
FPCI clock (33 or 66 MHz). For the Direct Video FIFO, the
Video data is clocked out using the GX1’s Video port clock
(75, 116, or 133 MHz GX1 core clock divided by 2 or 4).
7.2.1.1
Direct Video Mode
As stated previously, Direct Video mode is on by default so
no registers need to be programmed to support this mode
other than to select the direct video data at the video mux.
The video mux control register is located at F4BAR0+Mem-
ory Offset 400h[1:0].
Direct Video mode while supported is not an optimal mode
of operation. This mode supports only one vertical resolu-
tion and refresh rate, which is that of the incoming data.
Horizontal resolution can be scaled if desired. Since the
incoming data has odd and even fields, incoming line must
be doubled for it to display properly. This is equivalent to
the Bob technique which is explained later in this section.
GenLock
Because video input data from the VIP is sent directly, with-
out significant buffering frame-to-field synchronization is
required with the GX1 module’s graphics data. This syn-
chronization is known as GenLock. The GenLock registers
are located at F4BAR0+Memory Offset 420h and 424h.
Figure 7-4. VIP Block Diagram
CCIR-656
Decoder
Capture Video/VBI
Direct Video
Capture Video/VBI
Controller and
Capture Video/VBI Data
Fast-PCI Clock
Bus Master
FIFO
FIFO
Fast
X-Bus
to
Fast-PCI
Bridge
GX1
Module
Fast-PCI
Direct Video/VBI
Controller
VIP
Data
VIP
Clock
GX1 Video Clock
Direct Video Data
F4BAR2
Control
Registers
Video
Mux
to Video
Formatter
Video or VBI Data
GenLock
Control
Stop DCLK
VSYNC
VIP_VSYNC
VIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com