Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 327 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 327 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 323Page - Advanced Micro Devices SC3200 Datasheet HTML 324Page - Advanced Micro Devices SC3200 Datasheet HTML 325Page - Advanced Micro Devices SC3200 Datasheet HTML 326Page - Advanced Micro Devices SC3200 Datasheet HTML 327Page - Advanced Micro Devices SC3200 Datasheet HTML 328Page - Advanced Micro Devices SC3200 Datasheet HTML 329Page - Advanced Micro Devices SC3200 Datasheet HTML 330Page - Advanced Micro Devices SC3200 Datasheet HTML 331Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
327
7
Video Processor Module
Revision 5.1
7.0Video Processor Module
The Video Processor module contains a high performance
video
back-end
accelerator,
a
video/graphics
Mixer/
Blender, a Video Input Port (VIP), supporting a TFT inter-
face. The back-end accelerator functions include horizontal
and vertical scaling and filtering of the video stream. The
Mixer/Blender function includes color space conversion,
gamma correction, and mixing or alpha blending the video
and graphics streams.
General Features
• Hardware video acceleration
• Graphics/video overlay and blending
• Integrated PLL - programmable up to 135 MHz
• Selection of interlaced and progressive video from the
GX1 module and the Direct Video Port
Video Input Port (VIP)
• CCIR-656 compatible
• Capture Video/VBI modes
• Direct Video/VBI modes
Hardware Video Acceleration
• Arbitrary X and Y interpolation using three line-buffers
• YUV-to-RGB color space conversion
• Horizontal filtering and downscaling
• Supports 4:2:2, 4:2:0 YUV formats and RGB 5:6:5
format
Graphics-Video Overlay and Blending
• Overlay of video up to 16 bpp
• Supports chroma key and color key for both graphics
and video streams
• Supports alpha-blending with up to three alpha windows
that can overlap one another
• 8-Bit alpha values with automatic increment or decre-
ment on each frame
• Optional Gamma Correction for video or graphics
Compatibility
• Supports Microsoft’s DirectDraw®/Direct Video and
Display Control Interface (DCI) Version 2.0 for full
motion playback acceleration
• Compliant with PC98 and PC99 V0.7
• Compatible with VESA, VGA, DPMS, and DDC2
standards for enhanced display control and power
management
TFT Interface
• TFT modes:
— TFT on IDE: FPCLK max is 40 MHz
— TFT on Parallel Port: FPCLK max is 80 MHz
— 640x480x16 bpp at 60-85 Hz vertical refresh rates
— 800x600x16 bpp at 60-85 Hz vertical refresh rates
— 1024x768x16 bpp at 60-75 Hz vertical refresh rates
— 1280x1024x8 bpp at 60 Hz vertical refresh rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com