Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 324 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 324 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 320Page - Advanced Micro Devices SC3200 Datasheet HTML 321Page - Advanced Micro Devices SC3200 Datasheet HTML 322Page - Advanced Micro Devices SC3200 Datasheet HTML 323Page - Advanced Micro Devices SC3200 Datasheet HTML 324Page - Advanced Micro Devices SC3200 Datasheet HTML 325Page - Advanced Micro Devices SC3200 Datasheet HTML 326Page - Advanced Micro Devices SC3200 Datasheet HTML 327Page - Advanced Micro Devices SC3200 Datasheet HTML 328Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 447 page
background image
324
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - ISA Legacy Register Space
Revision 5.1
Table 6-47. Keyboard Controller Registers
Bit
Description
I/O Port 060h
External Keyboard Controller Data Register (R/W)
Keyboard Controller Data Register. All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset fea-
tures are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this port
assert the A20M# signal or cause a warm CPU reset.
I/O Port 061h
Port B Control Register (R/W)
Reset Value: 00x01100b
7
PERR#/SERR# Status. (Read Only) Indicates if a PCI bus error (PERR#/SERR#) was asserted by a PCI device or by the
SC3200.
0: No.
1: Yes.
This bit can only be set if ERR_EN (bit 2) is set 0. This bit is set 0 after a write to ERR_EN with a 1 or after reset.
6
IOCHK# Status. (Read Only) Indicates if an I/O device is reporting an error to the SC3200.
0: No.
1: Yes.
This bit can only be set if IOCHK_EN (bit 3) is set 0. This bit is set 0 after a write to IOCHK_EN with a 1 or after reset.
5
PIT OUT2 State. (Read Only) This bit reflects the current status of the of the PIT Counter 2 (OUT2).
4
Toggle. (Read Only) This bit toggles on every falling edge of Counter 1 (OUT1).
3IOCHK# Enable.
0: Generates an NMI if IOCHK# is driven low by an I/O device to report an error. Note that NMI is under SMI control.
1: Ignores the IOCHK# input signal and does not generate NMI.
2
PERR/ SERR Enable. Generate an NMI if PERR#/SERR# is driven active to report an error.
0: Enable.
1: Disable.
1
PIT Counter2 (SPKR).
0: Forces Counter 2 output (OUT2) to zero.
1: Allows Counter 2 output (OUT2) to pass to the speaker.
0
PIT Counter2 Enable.
0: Sets GATE2 input low.
1: Sets GATE2 input high.
I/O Port 062h
External Keyboard Controller Mailbox Register (R/W)
Keyboard Controller Mailbox Register.
I/O Port 064h
External Keyboard Controller Command Register (R/W)
Keyboard Controller Command Register. All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset
features are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this
port assert the A20M# signal or cause a warm CPU reset.
I/O Port 066h
External Keyboard Controller Mailbox Register (R/W)
Keyboard Controller Mailbox Register.
I/O Port 092h
Port A Control Register (R/W)
Reset Value: 02h
7:2
Reserved. Must be set to 0.
1
A20M# Assertion. Assert A20# (internally).
0: Enable.
1: Disable.
This bit reflects A20# status and can be changed by keyboard command monitoring.
An SMI event is generated when this bit is changed, if enabled by F0 index 53h[0]. The SMI status is reported in F1BAR0+I/
O Offset 00h/02h[7].
0
Fast CPU Reset. WM_RST SMI is asserted to the BIOS.
0: Disable.
1: Enable.
This bit must be cleared before the generation of another reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com