Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 325 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 325 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 321Page - Advanced Micro Devices SC3200 Datasheet HTML 322Page - Advanced Micro Devices SC3200 Datasheet HTML 323Page - Advanced Micro Devices SC3200 Datasheet HTML 324Page - Advanced Micro Devices SC3200 Datasheet HTML 325Page - Advanced Micro Devices SC3200 Datasheet HTML 326Page - Advanced Micro Devices SC3200 Datasheet HTML 327Page - Advanced Micro Devices SC3200 Datasheet HTML 328Page - Advanced Micro Devices SC3200 Datasheet HTML 329Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
325
Core Logic Module - ISA Legacy Register Space
Revision 5.1
Table 6-48. Real-Time Clock Registers
Bit
Description
I/O Port 070h
RTC Address Register (WO)
This register is shadowed within the Core Logic module and is read through the RTC Shadow Register (F0 Index BBh).
7
NMI Mask.
0: Enable.
1: Mask.
6:0
RTC Register Index. A write of this register sends the data out on the ISA bus and also causes RTCALE to be triggered.
(RTCALE is an internal signal between the Core Logic module and the internal RTC controller.)
I/O Port 071h
RTC Data Register (R/W)
A read of this register returns the value of the register indexed by the RTC Address Register.
A write of this register sets the value into the register indexed by the RTC Address Register
I/O Port 072h
RTC Extended Address Register (WO)
7
Reserved.
6:0
RTC Register Index. A write of this register sends the data out on the ISA bus and also causes RTCALE to be triggered.
(RTCALE is an internal signal between the Core Logic module and the internal RTC controller.)
I/O Port 073h
RTC Data Register (R/W)
AA read of this register returns the value of the register indexed by the RTC Extended Address Register.
A write of this register sets the value into the register indexed by the RTC Extended Address Register
Table 6-49. Miscellaneous Registers
Bit
Description
I/O Port 0F0h, 0F1h
Coprocessor Error Register (W)
Reset Value: F0h
A write to either port when the internal FERR# signal is asserted causes the Core Logic Module to assert internal IGNNE#. IGNNE#
remains asserted until the FERR# de-asserts.
I/O Ports 170h-177h/376h-377h
Secondary IDE Registers (R/W)
When the local IDE functions are enabled, reads or writes to these registers cause the local IDE interface signals to operate according to
their configuration rather than generating standard ISA bus cycles.
I/O Ports 1F0h-1F7h/3F6h-3F7h
Primary IDE Registers (R/W)
When the local IDE functions are enabled, reads or writes to these registers cause the local IDE interface signals to operate according to
their configuration rather than generating standard ISA bus cycles.
I/O Port 4D0h
Interrupt Edge/Level Select Register 1 (R/W)
Reset Value: 00h
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides the setting for bits [7:3] in this register.
2.
Bits [7:3] in this register are used to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
7
IRQ7 Edge or Level Sensitive Select. Selects PIC IRQ7 sensitivity configuration.
0: Edge.
1: Level.
6
IRQ6 Edge or Level Sensitive Select. Selects PIC IRQ6 sensitivity configuration.
0: Edge.
1: Level.
5
IRQ5 Edge or Level Sensitive Select. Selects PIC IRQ5 sensitivity configuration.
0: Edge.
1: Level.
4
IRQ4 Edge or Level Sensitive Select. Selects PIC IRQ4 sensitivity configuration.
0: Edge.
1: Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com