Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 345 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 345 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 341Page - Advanced Micro Devices SC3200 Datasheet HTML 342Page - Advanced Micro Devices SC3200 Datasheet HTML 343Page - Advanced Micro Devices SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
345
Video Processor Module - Register Summary
Revision 5.1
7.3
Register Descriptions
The register space for accessing and configuring the Video
Processor is located in the Core Logic Chipset Register
Space (F0-F5). The Chipset Register Space is accessed
via the PCI interface using the PCI Type One Configuration
Mechanism (see Section 6.3.1 "PCI Configuration Space
and Access Methods" on page 191).
7.3.1
Register Summary
The tables in this subsection summarize the registers of
the Video Processor. Included in the tables are the regis-
ter’s reset values and page references where the bit for-
mats are found.
Table 7-3. F4: PCI Header Registers for Video Processor Support Summary
F4 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 7-6)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 348
02h-03h
16
RO
Device Identification Register
0504h
Page 348
04h-05h
16
R/W
PCI Command Register
0000h
Page 348
06h-07h
16
RO
PCI Status Register
0280h
Page 348
08h
8
RO
Device Revision ID Register
01h
Page 348
09h-0Bh
24
RO
PCI Class Code Register
030000h
Page 348
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 348
0Dh
8
RO
PCI Latency Timer Register
00h
Page 348
0Eh
8
RO
PCI Header Type Register
00h
Page 348
0Fh
8
RO
PCI BIST Register
00h
Page 348
10h-13h
32
R/W
Base Address Register 0 (F4BAR0). Sets the base address for the
memory-mapped Video Configuration Registers within the Video
Processor. Refer to Table 7-7 on page 350 for programming infor-
mation regarding the register offsets accessed through this regis-
ter.
00000000h
Page 348
14h-17h
32
R/W
Base Address Register 1 (F4BAR1). Reserved.
00000000h
Page 348
18h-1Bh
32
R/W
Base Address Register 2 (F4BAR2). Sets the base address for the
memory-mapped VIP (Video Interface Port) Registers (summa-
rized in Table 7-8 on page 363).
00000000h
Page 348
1Ch-2Bh
--
--
Reserved
00h
Page 348
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 348
2Eh-2Fh
16
RO
Subsystem ID
0504h
Page 348
30h-3Bh
--
--
Reserved
00h
Page 348
3Ch
8
R/W
Interrupt Line Register
00h
Page 348
3Dh
8
R/W
Interrupt Pin Register
03h
Page 349
3Eh-FFh
---
---
Reserved
00h
Page 349
Table 7-4. F4BAR0: Video Processor Configuration Registers Summary
F4BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 7-7)
00h-03h
32
R/W
Video Configuration Register
00000000h
Page 350
04h-07h
32
R/W
Display Configuration Register
x0000000h
Page 351
08h-0Bh
32
R/W
Video X Position Register
00000000h
Page 352
0Ch-0Fh
32
R/W
Video Y Position Register
00000000h
Page 352
10h-13h
32
R/W
Video Upscaler Register
00000000h
Page 352
14h-17h
32
R/W
Video Color Key Register
00000000h
Page 353
18h-1Bh
32
R/W
Video Color Mask Register
00000000h
Page 353
1Ch-1Fh
32
R/W
Palette Address Register
xxxxxxxxh
Page 353
20h-23h
32
R/W
Palette Data Register
xxxxxxxxh
Page 353
24h-27h
32
RO
Reserved
---
Page 353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com