Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 347 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 347 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 343Page - Advanced Micro Devices SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices SC3200 Datasheet HTML 350Page - Advanced Micro Devices SC3200 Datasheet HTML 351Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
347
Video Processor Module - Register Summary
Revision 5.1
Table 7-5. F4BAR2: VIP Support Registers Summary
F4BAR2+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 7-8)
00h-03h
32
R/W
Video Interface Port Configuration Register
00000000h
Page 363
04h-07h
32
R/W
Video Interface Control Register
00000000h
Page 363
08h-0Bh
32
R/W
Video Interface Status Register
xxxxxxxxh
Page 364
0Ch-0Fh
--
--
Reserved
00000000h
Page 365
10h-13h
32
RO
Video Current Line Register
xxxxxxxxh
Page 365
14h-17h
32
R/W
Video Line Target Register
00000000h
Page 365
18h-1Fh
---
---
Reserved
00000000h
Page 365
20h-23h
32
R/W
Video Data Odd Base Register
00000000h
Page 365
24h-27h
32
R/W
Video Data Even Base Register
00000000h
Page 365
28h-2Bh
32
R/W
Video Data Pitch Register
00000000h
Page 365
2Ch-3Fh
--
--
Reserved
00000000h
Page 365
40h-43h
32
R/W
VBI Data Odd Base Register
00000000h
Page 366
44h-47h
32
R/W
VBI Data Even Base Register
00000000h
Page 366
48h-4Bh
32
R/W
VBI Data Pitch Register
00000000h
Page 366
4Ch-1FFh
--
--
Reserved
00000000h
Page 366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com