Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 354 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 354 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 350Page - Advanced Micro Devices SC3200 Datasheet HTML 351Page - Advanced Micro Devices SC3200 Datasheet HTML 352Page - Advanced Micro Devices SC3200 Datasheet HTML 353Page - Advanced Micro Devices SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices SC3200 Datasheet HTML 356Page - Advanced Micro Devices SC3200 Datasheet HTML 357Page - Advanced Micro Devices SC3200 Datasheet HTML 358Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 447 page
background image
354
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 28h-2Bh
Miscellaneous Register (R/W)
Reset Value: 00001400h
Configuration and control register for miscellaneous characteristics of the Video Processor.
31:13
Reserved.
12
PLL2_PWR_EN (PLL2 Power-Down Enable).
0: Power-down.
1: Normal.
11:10
Reserved. Set to 1.
9:1
Reserved.
0
GAMMA_EN (Gamma Correction RAM Enable). Allows video or graphics (selected by F4BAR0+Memory Offset 04h[21])
to go to the Gamma Correction RAM.
0: Enable.
1: Disable.
Offset 2Ch-2Fh
PLL2 Clock Select Register (R/W)
Reset Value: 00000000h
Determines the characteristics of the integrated PLL2.
31:23
Reserved. Must be set to 0.
22:21
CLK_DIV_SEL (Clock Divider Select).
00: No division
01: Divide by 2
10: Divide by 4
11: Divide by 8
Divides the clock generated by the PLL2, using the programmed m (bits [14:8]) and n (bits [3:0]) values.
20
SEL_REG_CAL. Selects specific or previously-calculated values.
0: Values previously calculated from the CLK_SEL bits (bits [19:16]).
1: Values according to the m (bits [14:8]), n (bits [3:0]), and CLK_DIV_SEL (bits [22:21]) fields.
19:16
CLK_SEL (Clock Select). Selects frequency (in MHz) of the display clock.
0000: 25.175
0100: 50
1000: 65
1100: 108
0001: 31.5
0101: 49.5
1001: 75
1101: 135
0010: 36
0110: 56.25
1010: 78.5
1110: 27
0011: 40
0111: 44.9
1011: 94.5
1111: 24.923052
15
LFTC (Loop Filter Time Constant). This bit should be set when m (bits [14:8]) value is higher than 30.
14:8
m (Defines m PLL2 Value). Relevant when SEL_REG_CAL (bit 20) = 1. The following formula is used for calculating the
frequency using m and n values:
Fvco
= OSCCLK * Km/Kn
Km
= m + 1
Kn
= n + 1
OSCCLK = 27 MHz
7:4
Reserved
3:0
n (Defines n PLL2 Value). Relevant when SEL_REG_CAL (bit 20) = 1. The following formula is used for calculating the fre-
quency using m and n values:
Fvco
= OSCCLK * Km/Kn
Km
= m + 1
Kn
= n + 1
OSCCL
= 27 MHz
Offset 30h-33h
Reserved
Reset Value: 00000000h
Offset 34h-37h
Reserved
Reset Value: 00000000h
Offset 38h-3Bh
Reserved
Reset Value: 00000000h
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com