Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 356 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 356 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 352Page - Advanced Micro Devices SC3200 Datasheet HTML 353Page - Advanced Micro Devices SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices SC3200 Datasheet HTML 356Page - Advanced Micro Devices SC3200 Datasheet HTML 357Page - Advanced Micro Devices SC3200 Datasheet HTML 358Page - Advanced Micro Devices SC3200 Datasheet HTML 359Page - Advanced Micro Devices SC3200 Datasheet HTML 360Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 447 page
background image
356
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 4Ch-4Fh
Video De-Interlacing and Alpha Control Register (R/W)
Reset Value: 00060000h
31:22
Reserved.
21:20
ALPHA3_WIN_PRIORITY (Alpha Window 3 Priority). Determines the priority of Alpha Window 3. A higher number indi-
cates a higher priority. Priority is used to determine display order for overlapping alpha windows.
00: Lowest priority (default).
01: Medium priority.
10: Highest priority.
11: Illegal.
Note:
Priority of enabled alpha windows must be different.
19:18
ALPHA2_WIN_PRIORITY (Alpha Window 2 Priority). Determines the priority of Alpha Window 2. A higher number indi-
cates a higher priority. Priority is used to determine display order for overlapping alpha windows.
00: Lowest priority (default).
01: Medium priority.
10: Highest priority.
11: Illegal.
Note:
Priority of enabled alpha windows must be different.
17:16
ALPHA1_WIN_PRIORITY (Alpha Window 1 Priority). Determines the priority of Alpha Window 1. A higher number indi-
cates a higher priority. Priority is used to determine display order for overlapping alpha windows.
00: Lowest priority (default).
01: Medium priority.
10: Highest priority.
11: Illegal.
Note:
Priority of enabled alpha windows must be different.
15:14
Reserved
13
GV_SEL (GV Select). Selects input video format.
0: YUV format.
1: RGB format.
Note:
Mixing and blending configurations are created using bits [13, 11:9] of this register. See Table 7-1 "Valid Mixing/
Blending Configurations" on page 339.
If this bit is set to 1, EN_42X (F4BAR0+Memory Offset 00h[28]) must be programmed to 0.
12
VID_LIN_INV (Video Line Invert). When this bit is set, it allows the video window to be positioned at odd offsets with
respect to the first line. The values below are recommended if VID_Y_START (F4BAR0+Memory Offset 0Ch[10:0]) is an
odd (set to 1) or even (set to 0) number of lines from the start of the active display.
0: Even.
1: Odd.
11
Reserved: Set to 0.
10
CSC_FOR_VIDEO (Color Space Converter for Video). Determines whether or not the video stream from the video mod-
ule is passed through the CSC.
0: Disable. The video stream is sent "as is" to the video Mixer/Blender.
1: Enable. The video stream is passed through the CSC (for YUV to RGB conversion).
Note:
Mixing and blending configurations are created using bits [13,11:9] of this register. See Table 7-1 "Valid Mixing/
Blending Configurations" on page 339.
9
VIDEO_BLEND_MODE (Video Blending Mode). Allows selection of the type of video (i.e., interlaced or progressive) used
for blending.
0: Progressive video used for blending.
1: Interlaced video used for blending.
Note:
Mixing and blending configurations are created using bits [13,11:9] of this register. See Table 7-1 "Valid Mixing/
Blending Configurations" on page 339.
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com