Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 382 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 382 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 378Page - Advanced Micro Devices SC3200 Datasheet HTML 379Page - Advanced Micro Devices SC3200 Datasheet HTML 380Page - Advanced Micro Devices SC3200 Datasheet HTML 381Page - Advanced Micro Devices SC3200 Datasheet HTML 382Page - Advanced Micro Devices SC3200 Datasheet HTML 383Page - Advanced Micro Devices SC3200 Datasheet HTML 384Page - Advanced Micro Devices SC3200 Datasheet HTML 385Page - Advanced Micro Devices SC3200 Datasheet HTML 386Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 447 page
background image
382
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Table 9-12. Memory Controller Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
t1
Control output valid from SDCLK[3:0]
-3.0 + (x * y)
0.1 + (x * y)
ns
Note 1, Note 2
t2
MA[12:0], BA[1.0] output valid from
SDCLK[3:0]
-3.2 + (x * y)
0.1 + (x * y)
ns
Note 2
t3
MD[63.0] output valid from SDCLK[3:0]
-2.2 + (x * y)
0.7 + (x * y)
ns
Note 2
t4
MD[63.0] read data in setup to SDCLK_IN
1.3
ns
t5
MD[63:0] read data hold to SDCLK_IN
2.0
ns
t6
SDCLK[3:0], SDCLK_OUT cycle time
233 MHz
10
14
ns
266 MHz
8.3
13.5
t7
SDCLK[3:0], SDCLK_OUT fall/rise time
between (VOLD-VOHD)
2ns
t9
SDCLK_IN fall/rise time between
(VILD-VIHD)
2ns
t10
SDCLK[3:0], SDCLK_OUT high time
233 MHz
4.0
ns
266 MHz
3.0
t11
SDCLK[3:0], SDCLK_OUT low time
233 MHz
4.0
ns
266 MHz
2.5
Note 1. Control output includes all the following signals: RASA#, CASA#, WEA#, CKEA, DQM[7:0], and CS[1:0]#.
Load = 50 pF, VCORE = 1.8V@ 233/266 MHz, VIO = 3.3V, @25
oC.
Note 2. Use the Min/Max equations [value+(x * y)] to calculate the actual output value.
x is the shift value which is applied to the SHFTSDCLK field, and y is 0.45 the core clock period.
Note that the SHFTSDCLK field = GX_BASE+Memory Offset 8404h[5:3]. Refer to the AMD Geode™ GX1 Proces-
sor Data Book for more information.
For example, for a 266 MHz SC3200 running a 88.7 MHz SDRAM clock, with a shift value of 3:
t1 Min = -3 + (3 * (3.76 * 0.45)) = 2.08 ns
t1 Max = 0.1 + (3 * (3.76 * 0.45)) = 5.18 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com