Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 378 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 378 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices SC3200 Datasheet HTML 377Page - Advanced Micro Devices SC3200 Datasheet HTML 378Page - Advanced Micro Devices SC3200 Datasheet HTML 379Page - Advanced Micro Devices SC3200 Datasheet HTML 380Page - Advanced Micro Devices SC3200 Datasheet HTML 381Page - Advanced Micro Devices SC3200 Datasheet HTML 382Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 447 page
background image
378
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.2.8
INUSB DC Characteristics
Figure 9-1. Differential Input Sensitivity for Common Mode Range
9.2.9
OAC97 DC Characteristics
9.2.10
ODn DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.3
(Note 1)
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VDI
Differential Input Sensitivity
0.2
V
|(D+)-(D-)| and Figure 9-1
VCM
Differential Common Mode
Range
0.8
2.5
V
Includes VDI Range
VSE
Single Ended Receiver
Threshold
0.8
2.0
V
Note 1. Not 100% tested.
1.0
0.8
0.6
0.4
0.2
0.0
0.0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Common Mode Input Voltage (volts)
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
0.9VIO
VlOH = -5 mA
VOL
Output Low Voltage
0.1VIO
VlOL = 5 mA
Symbol
Parameter
Min
Max
Unit
Comments
VOL
Output Low Voltage
0.4
V
IOL = n mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com