Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 377 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 377 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices SC3200 Datasheet HTML 377Page - Advanced Micro Devices SC3200 Datasheet HTML 378Page - Advanced Micro Devices SC3200 Datasheet HTML 379Page - Advanced Micro Devices SC3200 Datasheet HTML 380Page - Advanced Micro Devices SC3200 Datasheet HTML 381Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
377
Electrical Specifications
Revision 5.1
9.2.4
INSTRP DC Characteristics
9.2.5
INT DC Characteristics
9.2.6
INTS DC Characteristics
9.2.7
INTS1 DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.6VIO
VIO+0.3
(Note 1)
V
VIL
Input Low Voltage
0.3VIO
V
IIL
Input Leakage Current
36
µA
During Reset: VIN = VIO
−10
µA
VIN = VSS
Note 1. Not 100% tested.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.3
(Note 1)
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
−10
µA
VIN = VSS
Note 1. Not 100% tested.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.3
(Note 1)
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VH
Input Hysteresis
200
mV
Note 1. Not 100% tested.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.5VIO
VIO+0.3
(Note 1)
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.3VIO
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VHIS
Input Hysteresis
200
mV
Note 1
Note 1. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com