Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 376 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 376 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices SC3200 Datasheet HTML 377Page - Advanced Micro Devices SC3200 Datasheet HTML 378Page - Advanced Micro Devices SC3200 Datasheet HTML 379Page - Advanced Micro Devices SC3200 Datasheet HTML 380Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 447 page
background image
376
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.2.1
INAB DC Characteristics
9.2.2
INBTN DC Characteristics
9.2.3
INPCI DC Characteristics
Note that the buffer type for PCICLK (EBGA ball E2 / TEPBGA ball A7) is INT - not INPCI.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VHIS
Input hysteresis
150
mV
Note 1. Not 100% tested.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VSB+0.3
(Note 1)
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.8
V
IIL
Input Leakage Current
5
µA
VIN = VSB
-36
µA
VIN = VSS
VHIS
Input HysteresisNote 1
250
mV
Note 1. Not 100% tested.
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.5VIO
VIO+0.3
(Note 1)
Note 1. Not 100% tested.
V
VIL
Input Low Voltage
-0.5
(Note 1)
0.3VIO
V
VIPU
Input Pull-up Voltage
0.7VIO
V
Note 2
Note 2. Not 100% tested. This parameter indicates the minimum voltage to which pull-up resistors are calculated in order
to pull a floated network.
lIL
Input Leakage Current
+/-10
µA
0 < VIN < VIO, Note 3, Note 4
Note 3. Input leakage currents include HiZ output leakage for all bidirectional buffers with TRI-STATE outputs.
Note 4. See Exceptions 2 and 3 in Section 9.2.15.1 on page 379.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com