Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 372 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 372 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 368Page - Advanced Micro Devices SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 447 page
background image
372
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.1.5.3
Definition of System Conditions for
Measuring On Parameters
The SC3200’s current is highly dependent on two func-
tional characteristics, DCLK (DOT clock) and SDRAM fre-
quency. Table 9-5 shows how these factors are controlled
when measuring the typical average and absolute maxi-
mum processor current parameters.
9.1.5.4
DC Current Measurements
Table 9-6 and Table 9-7 show the DC current measure-
ments of the SC3200.
Table 9-5. System Conditions Used to Measure SC3200 Current During On State
CPU Current Measurement
System Conditions
VCORE
(Note 1_
VIO
(Note 1)
DCLK
Frequency
SDRAM
Frequency
Typical Average
Nominal
Nominal
50 MHz (Note 2)
Nominal
Absolute Maximum
Max
Max
135 MHz (Note 3)
Max
Note 1. See Table 9-3 on page 370 for nominal and maximum voltages.
Note 2. A DCLK frequency of 50 MHz is derived by setting the display mode to 800x600x8 bpp at 75 Hz, using a display
image of vertical stripes (4-pixel wide) alternating between black and white with power management disabled.
Note 3. A DCLK frequency of 135 MHz is derived by setting the display mode to 1280x1024x8 bpp at 75 Hz, using a display
image of vertical stripes (1-pixel wide) alternating between black and white with power management disabled.
Table 9-6. DC Characteristics for On State
Symbol
Parameter (Note 1)
Typ Avg
Abs Max
Unit
Comments
ICC3ON
fCLK = 233 MHz, I/O Current @ VIO = 3.3V
(Nominal); CPU state = On
260
300
mA
ICC for VIO
fCLK = 266 MHz, I/O Current @ VIO = 3.3V
(Nominal); CPU state = On
270
310
ICOREON
fCLK = 233 MHz, Core Current @ VCORE =
1.8V (Nominal); CPU state = On
820
990
mA
ICC for VCORE
fCLK = 266 MHz, Core Current @ VCORE =
1.8V (Nominal); CPU state = On
900
1090
ISBON
SB Current @ VSB = 3.3V (Nominal);
CPU state = On
12
mA
ISBLON
SBL Current @ VSBL = 1.8V (Nominal);
CPU state = On
10
20
mA
SBL Current @ VSBL = 2.0V (Nominal);
CPU state = On
10
20
Note 1. fCLK ratings refer to internal clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com