Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 371 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 371 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 367Page - Advanced Micro Devices SC3200 Datasheet HTML 368Page - Advanced Micro Devices SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
371
Electrical Specifications
Revision 5.1
Table 9-4 indicates which power rails are used for each signal of the SC3200 external interface. Power planes not listed in
this table are internal, and are not related to signals of the external interface.
9.1.5
DC Current
DC current is not a simple measurement. Three of the
SC3200 power states (On, Active Idle, Sleep) were
selected for measurement. For each power state mea-
sured, two functional characteristics (Typical Average,
Absolute Maximum) are used to determine how much cur-
rent the SC3200 uses.
9.1.5.1
Power State Parameter Definitions
The DC characteristics tables in this section list Core and I/
O current for three of the power states. For more explana-
tion on the SC3200 power states see Section 6.2.9 "Power
Management Logic" on page 174.
•On (C0): All internal and external clocks with respect to
the SC3200 are running and all functional blocks inside
the GX1 module (CPU Core, Memory Controller, Display
Controller, etc.) are actively generating cycles. This is
equivalent to the ACPI specification’s “S0,C0” state.
• Active Idle (C1): The CPU Core has been halted, all
other functional blocks (including the Display Controller
for refreshing the display) are actively generating cycles.
This state is entered when a HLT instruction is executed
by the CPU Core. From a user’s perspective, this state is
indistinguishable from the On state and is equivalent to
the ACPI specification’s “S0,C1” state.
• Sleep (SL2): This is the lowest power state the SC3200
can be in with voltage still applied to the device’s core
and I/O supply pins. This is equivalent to the ACPI spec-
ification’s “S1” state.
9.1.5.2
Definition and Measurement Techniques of
SC3200 Current Parameters
These parameters describe the current while the SC3200
is in the On state:
• Typical Average: Indicates the average current used by
the SC3200 while in the On state. This is measured by
running typical Windows applications in a typical display
mode. In this case, 800x600x8 bpp at 75 Hz, 50 MHz
DCLK using a background image of vertical stripes (4-
pixel wide) alternating between black and white with
power management disabled (to guarantee that the
SC3200 never goes into the Active Idle state). This
number is provided for reference only since it can vary
greatly depending on the usage model of the system.
Note:
This typical average should not be confused with
the typical power numbers. Typical power is based
on a combination of On (Typical Average) and
Active Idle states.
• Absolute Maximum: Indicates the maximum instanta-
neous current used by the SC3200. CPU Core current is
measured by running the Landmark Speed 200 bench-
mark test (with power management disabled) and
measuring the peak current at any given instant during
the test. I/O current is measured by running Microsoft
Windows 98® and using a background image of vertical
stripes (1-pixel wide) alternating between black and
white at the maximum display resolution.
Table 9-4. Power Planes of External Interface Signals
Power Plane
Signal Names
VCC Balls
VSS Balls
Standby
GPWIO[0:2], LED#, ONCTL#, PWRBTN#, PWRCNT[1:2],
THRM#, CLK32, IRRX1, RI2#, SDATA_IN2
VSB
VSS
Battery
X32I, X32O
VBAT
VSS
USB
DPOS_PORT1, DNEG_PORT1, DPOS_PORT2,
DNEG_PORT2, DPOS_PORT3, DNEG_PORT3
AVCCUSB
AVSSUSB
I/O
All other external interface signals
VIO
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com