Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 369 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 369 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 365Page - Advanced Micro Devices SC3200 Datasheet HTML 366Page - Advanced Micro Devices SC3200 Datasheet HTML 367Page - Advanced Micro Devices SC3200 Datasheet HTML 368Page - Advanced Micro Devices SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
369
9
Electrical Specifications
Revision 5.1
9.0Electrical Specifications
This chapter provides information about:
• General electrical specifications
• DC characteristics
• AC characteristics
All voltage values in this chapter are with respect to VSS
unless otherwise noted.
9.1
General Specifications
9.1.1
Electro Static Discharge (ESD)
This device is a high performance integrated circuit and is
ESD sensitive. Handling and assembly of this device
should be performed at ESD free workstations. Table 9-1
lists the ESD ratings of the SC3200.
9.1.2
Power/Ground Connections and
Decoupling
When testing and operating the SC3200, use standard
high frequency techniques to reduce parasitic effects. For
example:
• Filter the DC power leads with low-inductance decou-
pling capacitors.
• Use low-impedance wiring.
• Utilizing the PWR and GND pins.
9.1.3
Absolute Maximum Ratings
Stresses beyond those indicated in the following table may
cause permanent damage to the SC3200, reduce device
reliability and result in premature failure, even when there
is no immediately apparent sign of failure. Prolonged expo-
sure to conditions at or near the absolute maximum ratings
may also result in reduced device life span and reduced
reliability.
Note:
The values in the following table are stress ratings
only. They do not imply that operation under other
conditions is impossible.
Table 9-1. Electro Static Discharge (ESD)
Parameter
Units
Human Body Model (HBM)
2000V ESD
Machine Model (MM)
200V ESD
Table 9-2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
TCASE
Operating case temperature
-10
110
oC
Note 1
TSTORAGE
Storage temperature
-45
125
oC
Note 2
VCC
Supply voltage
See Table
9-3
V
VMAX
Voltage on
5V tolerant balls
-0.5
6.0
V
Note 3
Others
-0.5
3.6
V
Note 3, Note 4
IIK
Input clamp current
-0.5
10
mA
Note 1
IOK
Output clamp current
25
mA
Note 1
Note 1. Power applied - no clocks.
Note 2. No bias.
Note 3. Voltage min is -0.8V with a transient voltage of 20 ns or less.
Note 4. Voltage max is 4.0V with a transient voltage of 20 ns or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com