Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 370 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 370 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 366Page - Advanced Micro Devices SC3200 Datasheet HTML 367Page - Advanced Micro Devices SC3200 Datasheet HTML 368Page - Advanced Micro Devices SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 447 page
background image
370
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
9.1.4
Operating Conditions
Table 9-3 lists the various power supplies of the SC3200 and provides the device operating conditions.
Notes:
1)
All power sources except VBAT must be connected,
even if the function is not used.
2)
VSB, and VSBL must be on if any other voltage is
applied. VSB and VBAT voltages can be applied sepa-
rately. See Section 9.3.15 "Power-Up Sequencing" on
page 434.
3)
The power planes of the SC3200 can be turned on or
off. For more information, see Section 6.2.9 "Power
Management Logic" on page 174.
4)
It is recommended that the voltage difference between
VCORE and VSBL be less than 0.25V, in order to reduce
leakage current. If the voltage difference exceeds
0.25V, excessive leakage current is used in gates that
are connected on the boundary between voltage
domains.
5)
It is recommended that the voltage difference between
VIO and VSB be less than 0.25V, in order to reduce
leakage current. If the voltage difference exceeds
0.25V, excessive leakage current is used in gates that
are connected on the boundary between voltage
domains.
Table 9-3. Operating Conditions
Symbol
(Note 1)
Parameter
Min
Typ
Max
Unit
Comments
TC
Operating case temperature
0
-
85
oC
AVCCUSB
Analog power supply. Powers internal ana-
log circuits and some external signals (see
Table 9-4).
3.14
3.3
3.46
V
VBAT
Battery supply voltage. Powers RTC and
ACPI when VBAT is greater than VSB (by at
least 0.5V), and some external signals (see
Table 9-4).
2.4
3.0
3.46
V
VIO
I/O buffer power supply. Powers most of
the external signals (see Table 9-4); certain
signals within this power plane are 5V
tolerant.
3.14
3.3
3.46
V
VCORE
Core processor and internal digital power
supply. Powers internal digital logic, includ-
ing internal frequency multipliers.
1.71
1.8
1.89
V
VPLL2
VPLL3
PLL. Internal Phase Locked Loops (PLL)
power supply.
3.14
3.3
3.46
V
VSB
Standby power supply. Powers RTC and
ACPI when VSB is greater than VBAT-0.5V,
and some external signals (see Table 9-4).
3.14
3.3
3.46
V
VSBL
Standby logic. Powers internal logic
needed to support Standby VSB.
VSBL requires a 0.1 µF bypass capacitor to
VSS.
1.71
1.8
1.89
V
Note 1. For VIH (Input High Voltage), VIL (Input Low Voltage), IOH (Output High Current), and IOL (Output Low Current) op-
erating conditions refer to Section 9.2 "DC Characteristics" on page 375.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com