Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 375 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 375 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices SC3200 Datasheet HTML 377Page - Advanced Micro Devices SC3200 Datasheet HTML 378Page - Advanced Micro Devices SC3200 Datasheet HTML 379Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
375
Electrical Specifications
Revision 5.1
9.2
DC Characteristics
Table 9-10 describes the signal buffer types of the
SC3200. (See Table 3-2 "432-EBGA Ball Assignment -
Sorted by Ball Number" on page 29 and Table 3-4 "481-
TEPBGA Ball Assignment - Sorted by Ball Number" on
page 43) for each signal’s buffer type.)
The subsections that follows provide detailed DC charac-
teristics according to buffer type.
Table 9-10. Buffer Types
Symbol
Description
Reference
Diode
Diodes only, no buffer
---
INAB
Input, ACCESS.bus compatible with Schmitt Trigger
Section 9.2.1
INBTN
Input, TTL compatible with Schmitt Trigger, low leakage
Section 9.2.2
INPCI
Input, PCI compatible
Section 9.2.3
INSTRP
Input, Strap ball (min VIH is 0.6VIO) with weak pull-down
Section 9.2.4
INT
Input, TTL compatible
Section 9.2.5
INTS
Input, TTL compatible with Schmitt Trigger type 200 mV
Section 9.2.6
INTS1
Input, with Schmitt Trigger type 200 mV
Section 9.2.7
INUSB
Input, USB compatible
Section 9.2.8
OAC97
Output, Totem-Pole, AC97 compatible
Section 9.2.9
ODn
Output, Open-Drain, capable of sinking n mA.Note 1
Section 9.2.10
ODPCI
Output, Open-Drain, PCI compatible
Section 9.2.11
Op/n
Output, Totem-Pole, capable of sourcing p mA and sinking n mA
Section 9.2.12
OPCI
Output, PCI compatible, TRI-STATE
Section 9.2.13
OUSB
Output, USB compatible
Section 9.2.14
TSp/n
Output, TRI-STATE, capable of sourcing p mA and sinking n mA
Section 9.2.15
WIRE
Wire, no buffer
---
Note 1.Output from these signals is open-drain and cannot be forced high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com