Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 387 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 387 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 383Page - Advanced Micro Devices SC3200 Datasheet HTML 384Page - Advanced Micro Devices SC3200 Datasheet HTML 385Page - Advanced Micro Devices SC3200 Datasheet HTML 386Page - Advanced Micro Devices SC3200 Datasheet HTML 387Page - Advanced Micro Devices SC3200 Datasheet HTML 388Page - Advanced Micro Devices SC3200 Datasheet HTML 389Page - Advanced Micro Devices SC3200 Datasheet HTML 390Page - Advanced Micro Devices SC3200 Datasheet HTML 391Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
387
Electrical Specifications
Revision 5.1
Figure 9-8. ACB Signals: Rising Time and Falling Timing Diagram
Figure 9-9. ACB Start and Stop Condition Timing Diagram
tSDAfo
AB1D/AB2D signal fall
time
300
ns
tSDAro
AB1D/AB2D signal rise
time
1
µs
tSDAho
AB1D/AB2D hold time
7 * tCLK - tSCLfo
After AB1C/AB2C falling edge
tSDAvo
AB1D/AB2D valid time
7 * tCLK + tRD
After AB1C/AB2C falling edge
Note 1. K is determined by bits [7:1] of the ACBCTL2 register (LDN 05h/06h, Offset 05h).
Note 2. tSCLhigho value depends on the signal capacitance and the pull-up value of the relevant pin.
Table 9-16. ACCESS.bus Output Timing Parameters (Continued)
Symbol
Parameter
Min
Max
Unit
Comments
AB1D
tSDAr
0.7VIO
0.3VIO
tSDAf
0.7VIO
0.3VIO
AB1C
tSCLr
0.7VIO
0.3VIO
tSCLf
0.7VIO
0.3VIO
AB2D
AB2C
AB1D
AB1C
tCSTOsi
tBUFi
tDLCs
tCSTRhi
Start Condition
Stop Condition
tDLCo
tCSTOso
tBUFo
tCSTRho
AB2D
AB2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com