Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 389 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 389 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 385Page - Advanced Micro Devices SC3200 Datasheet HTML 386Page - Advanced Micro Devices SC3200 Datasheet HTML 387Page - Advanced Micro Devices SC3200 Datasheet HTML 388Page - Advanced Micro Devices SC3200 Datasheet HTML 389Page - Advanced Micro Devices SC3200 Datasheet HTML 390Page - Advanced Micro Devices SC3200 Datasheet HTML 391Page - Advanced Micro Devices SC3200 Datasheet HTML 392Page - Advanced Micro Devices SC3200 Datasheet HTML 393Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
389
Electrical Specifications
Revision 5.1
9.3.5
PCI Bus Interface
The SC3200 is compliant with PCI Bus Rev. 2.1 specifica-
tions. Relevant information from the PCI Bus specifications
is provided below.
All parameters in Table 9-17 are not 100% tested. The
parameters in this table are further described in Figure 9-
13.
Figure 9-12. Testing Setup for Slew Rate and Minimum Timing
Table 9-17. PCI AC Specifications
Symbol
Parameter
Min
Max
Unit
Comments
IOH(AC)
(Note 1)
Switching current high
-12VIO
mA
0 < VOUT ≤ 0.3VIO,
-17.1(VIO-VOUT)mA
0.3VIO < VOUT < 0.9VIO
Equation A
(Figure 9-13)
0.7VIO < VOUT < VIO
Test point (Note 2)
-32VIO
mA
VOUT = 0.7VIO
IOL(AC)
(Note 1)
Switching current low
16VIO
mA
VIO > VOUT ≥ 0.6VIO
26.7VOUT
mA
0.6VIO > VOUT > 0.1VIO
Equation B
(Figure 9-13)
0.18VIO>VOUT>0
Test point (Note 2)
38VIO
mA
VOUT = 0.18VIO
ICL
Low clamp current
-25+(VIN+1)/0.015
mA
-3 < VIN < -1
ICH
High clamp current
25+(VIN-VIO-1)/0.015
mA
VIO+4 > VIN > VIO+1
SLEWR
(Note 3)
Output rise slew rate
1
4
V/ns
0.2VIO - 0.6VIO Load
SLEWF
Output fall slew rate
1
4
V/ns
0.6VIO - 0.2VIO Load
Note 1. Refer to the V/I curves in Figure 9-13. This specification does not apply to PCICLK0, PCICLK1, and PCIRST#
which are system outputs.
Note 2. Maximum current requirements are met when drivers pull beyond the first step voltage. Equations which define
these maximum values (A and B) are provided with relevant diagrams in Figure 9-13. These maximum values are
guaranteed by design.
Note 3. Rise slew rate does not apply to open-drain outputs. This parameter is interpreted as the cumulative edge rate
across the specified range, according to the test circuit in Figure 9-12.
Buffer
VCC
0.5" max.
Pin
1 K
Ω
1 K
Ω
10 pF
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com