Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 392 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 392 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 388Page - Advanced Micro Devices SC3200 Datasheet HTML 389Page - Advanced Micro Devices SC3200 Datasheet HTML 390Page - Advanced Micro Devices SC3200 Datasheet HTML 391Page - Advanced Micro Devices SC3200 Datasheet HTML 392Page - Advanced Micro Devices SC3200 Datasheet HTML 393Page - Advanced Micro Devices SC3200 Datasheet HTML 394Page - Advanced Micro Devices SC3200 Datasheet HTML 395Page - Advanced Micro Devices SC3200 Datasheet HTML 396Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 447 page
background image
392
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Figure 9-15. Load Circuits for Maximum Time Measurements
Table 9-19. PCI Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tVAL
PCICLK to signal valid delay (on the bus)
2
11
ns
Note 1, Note 2
tVAL(ptp)
PCICLK to signal valid delay (GNT#)
2
9
ns
Note 1, Note 2
tON
Float to active delay
2
ns
Note 1, Note 3,
tOFF
Active to float delay
28
ns
Note 1, Note 3,
tSU
Input setup time to PCICLK (on the bus)
7
ns
Note 4
tSU(ptp)
Input setup time to PCICLK (REQ#)
6
ns
Note 4
tH
Input hold time from PCICLK
0
ns
Note 4
tRST
PCIRST# active time after power stable
1
ms
Note 3, Note 5
tRST-CLK
PCIRST# active time after PCICLK stable
100
µs
Note 3, Note 5
tRST-OFF
PCIRST# active to output float delay
40
ns
Note 3, Note 5,
Note 6
Note 1. See the timing measurement conditions in Figure 9-16.
Note 2. Minimum times are evaluated with same load used for slew rate measurement (as shown in note 3 of Table ); max-
imum times are evaluated with the load circuits shown in Figure 9-15, for high-going and low-going edges respec-
tively.
Note 3. Not 100% tested.
Note 4. See the timing measurement conditions in Figure 9-17.
Note 5. PCIRST# is asserted and de-asserted asynchronously with respect to PCICLK (see Figure 9-18).
Note 6. All output drivers are asynchronously floated when PCIRST# is active.
Output
Buffer
Output
Buffer
VCC
25
Ω
25
Ω
10 pF
10 pF
0.5" max.
0.5" max.
Pin
tVAL (Max) Rising Edge
tVAL (Max) Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com