Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 429 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 429 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 425Page - Advanced Micro Devices SC3200 Datasheet HTML 426Page - Advanced Micro Devices SC3200 Datasheet HTML 427Page - Advanced Micro Devices SC3200 Datasheet HTML 428Page - Advanced Micro Devices SC3200 Datasheet HTML 429Page - Advanced Micro Devices SC3200 Datasheet HTML 430Page - Advanced Micro Devices SC3200 Datasheet HTML 431Page - Advanced Micro Devices SC3200 Datasheet HTML 432Page - Advanced Micro Devices SC3200 Datasheet HTML 433Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
429
Electrical Specifications
Revision 5.1
Figure 9-49. AC97 Clocks Diagram
Table 9-37. AC97 Clocks Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Comments
FBIT_CLK
BIT_CLK frequency
12.288
MHz
tCLK_PD
BIT_CLK period
81.4
ns
tCLK_J
BIT_CLK output jitter
750
ps
tCLK_H
BIT_CLK high pulse width
32.56
40.7
48.84
ns
Note 1
tCLK_L
BIT_CLK low pulse width
32.56
40.7
48.84
ns
Note 1
FSYNC
SYNC frequency
48.0
KHz
tSYNC_PD
SYNC period
20.8
µs
tSYNC_H
SYNC high pulse width
1.3
µs
tSYNC_L
SYNC low pulse width
19.5
µs
FAC97_CLK
AC97_CLK frequency
24.576
MHz
tAC97_CLK_PD
AC97_CLK period
40.7
ns
tAC97_CLK_D
AC97_CLK duty cycle
45
55
%
tAC97_CLK_FR
AC97_CLK fall/rise time
2
5
ns
tAC97_CLK_J
AC97_CLK output edge-to-
edge jitter
100
ps
Measured from edge to edge
Note 1. Worst case duty cycle restricted to 40/60.
BIT_CLK
SYNC
tCLK_PD
tCLK_H
tCLK_L
tSYNC_H
tSYNC_L
tSYNC_PD
tAC97_CLK_FR
VOHD
VOLD
tAC97_CLK_PD
AC97_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com