Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3200 Datasheet(PDF) 430 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 430 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 426Page - Advanced Micro Devices SC3200 Datasheet HTML 427Page - Advanced Micro Devices SC3200 Datasheet HTML 428Page - Advanced Micro Devices SC3200 Datasheet HTML 429Page - Advanced Micro Devices SC3200 Datasheet HTML 430Page - Advanced Micro Devices SC3200 Datasheet HTML 431Page - Advanced Micro Devices SC3200 Datasheet HTML 432Page - Advanced Micro Devices SC3200 Datasheet HTML 433Page - Advanced Micro Devices SC3200 Datasheet HTML 434Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 447 page
background image
430
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Figure 9-50. AC97 Data TIming Diagram
Table 9-38. AC97 I/O Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Comments
tAC97_S
Input setup to falling edge of BIT_CLK
15.0
ns
tAC97_H
Hold from falling edge of BIT_CLK
10.0
ns
tAC97_OV
SDATA_OUT or SYNC valid after rising
edge of BIT_CLK
15
ns
tAC97_OH
SDATA_OUT or SYNC hold time after
falling edge of BIT_CLK
5ns
tAC97_SV
Sync out valid after rising edge of
BIT_CLK
15
ns
tAC97_SH
Sync out hold after falling edge of
BIT_CLK
5ns
BIT_CLK
SDATA_IN, SDATA_IN2
tAC97_S
tAC97_H
tAC97_OV
tAC97_OH
tAC97_SV
tAC97_SH
SDATA_OUT/SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com